Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2N60 Datasheet(PDF) 6 Page - GOOD-ARK Electronics

Part # SSF2N60
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2N60 Datasheet(HTML) 6 Page - GOOD-ARK Electronics

  SSF2N60_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SSF2N60
600V N-Channel MOSFET
www.goodark.com
Page 6 of 7
Rev.1.0
Mechanical Data
Min
Nom
Max
Min
Nom
Max
A
-
1.300
-
-
0.051
-
A1
2.200
2.400
2.600
0.087
0.094
0.102
b
-
1.270
-
-
0.050
-
b1
1.270
1.370
1.470
0.050
0.054
0.058
c
-
0.500
-
-
0.020
-
D
-
15.600
-
-
0.614
-
D1
-
28.700
-
-
1.130
-
D2
-
9.150
-
-
0.360
-
E
9.900
10.000
10.100
0.390
0.394
0.398
E1
-
10.160
-
-
0.400
-
ФP
-
3.600
-
-
0.142
-
ФP1
1.500
0.059
e
L
12.900
13.100
13.300
0.508
0.516
0.524
ϴ1
-
7
0
-
-
7
0
-
ϴ2
-
7
0
-
-
7
0
-
ϴ3
-
3
0
-
5
0
7
0
9
0
ϴ4
-
3
0
-
1
0
3
0
5
0
Symbol
Dimension In Millimeters
Dimension In Inches
2.54BSC
0.1BSC
TO-220 PACKAGE OUTLINE DIMENSION_GN
E
D
D1
ФP
A
ϴ1
D2
A1
c
e
b
b1
ϴ
2
ϴ
L
ϴ
4
ФP1
E


Similar Part No. - SSF2N60_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2N60D1 GOOD-ARK-SSF2N60D1 Datasheet
928Kb / 7P
   600V N-Channel MOSFET
SSF2N60D1 GOOD-ARK-SSF2N60D1_15 Datasheet
928Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF2N60_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com