Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE13U1005 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE13U1005
Description  Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power of plus 13 dBm
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE13U1005 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE13U1005 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE13U1005 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE13U1005 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE13U1005 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
RF Connector
LO Connector
IF Connector
Type
WR-28 UG-599/U
WR-28 UG-599/U
SMA Female
...
Configuration
Design
Mixer Up Converter
RF Connector
WR-28 UG-599/U
LO Connector
WR-28 UG-599/U
IF Connector
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation.
Typical Performance Data
0
1
2
3
4
5
6
7
8
9
10
26
28
30
32
34
36
38
40
Freq.(GHz)
Conversion Loss Over LO Frequency
LO FREQ = 26 GHz
LO FREQ = 33 GHz
LO FREQ = 40 GHz
PE13U1005 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Waveguide Mixer Up Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz
And LO Power of +13 dBm, UG-599/U Flange, Ka Band PE13U1005
Waveguide Mixer Up Converter WR-28 From
26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
of +13 dBm, UG-599/U Flange, Ka Band
Waveguide Converters - PE13U1005


Similar Part No. - PE13U1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1003 PASTERNACK-PE13U1003 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
   Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
More results

Similar Description - PE13U1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE12D1005 PASTERNACK-PE12D1005 Datasheet
693Kb / 4P
   Waveguide Mixer Down Converter WR-28 From 26.5 GHz to 40 GHz, IF From DC to 18 GHz And LO Power
PE13U1003 PASTERNACK-PE13U1003 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE12D1003 PASTERNACK-PE12D1003 Datasheet
389Kb / 4P
   Waveguide Mixer Down Converter WR-19 From 40 GHz to 60 GHz, IF From DC to 18 GHz And LO Power
PE13U1000 PASTERNACK-PE13U1000 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE13U1002 PASTERNACK-PE13U1002 Datasheet
388Kb / 4P
   Waveguide Mixer Up Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
PE13U1004 PASTERNACK-PE13U1004 Datasheet
389Kb / 4P
   Waveguide Mixer Up Converter WR-22 From 33 GHz to 50 GHz, IF From DC to 18 GHz And LO Power
PE13U1001 PASTERNACK-PE13U1001 Datasheet
391Kb / 4P
   Waveguide Mixer Up Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1000 PASTERNACK-PE12D1000 Datasheet
400Kb / 4P
   Waveguide Mixer Down Converter WR-10 From 75 GHz to 110 GHz, IF From DC to 18 GHz And LO Power
PE12D1001 PASTERNACK-PE12D1001 Datasheet
699Kb / 4P
   Waveguide Mixer Down Converter WR-12 From 60 GHz to 90 GHz, IF From DC to 18 GHz And LO Power
PE12D1002 PASTERNACK-PE12D1002 Datasheet
388Kb / 4P
   Waveguide Mixer Down Converter WR-15 From 50 GHz to 75 GHz, IF From DC to 18 GHz And LO Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com