Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3866 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # 2N3866
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3866 Datasheet(HTML) 3 Page - Microsemi Corporation

  2N3866 Datasheet HTML 1Page - Microsemi Corporation 2N3866 Datasheet HTML 2Page - Microsemi Corporation 2N3866 Datasheet HTML 3Page - Microsemi Corporation 2N3866 Datasheet HTML 4Page - Microsemi Corporation 2N3866 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MSC1067.PDF 3-10-99
2N3866 / 2N3866A
FUNCTIONAL
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
GPE
Power Gain
Test Circuit-Figure 1
Pin = 0.1 W, VCE = 28Vdc
f = 400 MHz, TC = 25 C
10
-
-
dB
Pout
Output Power
Test Circuit-Figure 1
Pin = 0.1 W, VCE = 28Vdc
f = 400 MHz, TC = 25 C
1.0
-
-
Watts
ηC
Collector Efficiency
Test Circuit-Figure 1
Pin = 0.1 W, VCE = 28Vdc
f = 400 MHz, TC = 25 C
45
-
-
%
8-60
L
1
3-35
RFC
12
5.6 OHMS
1000
0.9-7
P
OUT
(R
L=50 OHMS)
V
CE = -28V
RFC
RFC
8-60
L
S
P
IN
(R
S=50 OHMS)
Figure 1 - 400 MHz RF AMPLIFIER CIRCUIT FOR GPE, POUT, AND EFFICIENCY SPECIFICATIONS.
L1: 2 TURNS No. 18 wire, ¼” ID, 1/8” long
Ls: 2 ¾ TURNS No. 18 wire, ¼” ID, 3/16” long
Capacitor values in pF unless
Tuning capacitors are air variable
otherwise indicated.


Similar Part No. - 2N3866

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3866 PHILIPS-2N3866 Datasheet
45Kb / 9P
   Silicon planar epitaxial overlay transistors
1995 Oct 27
logo
Inchange Semiconductor ...
2N3866 ISC-2N3866 Datasheet
256Kb / 2P
   isc Silicon NPN Planar Epitaxial OverlayTransistor
logo
Semicoa Semiconductor
2N3866 SEMICOA-2N3866 Datasheet
31Kb / 1P
   Chip Type 2C3866A Geometry 1007 Polarity NPN
logo
List of Unclassifed Man...
2N3866 ETC-2N3866 Datasheet
380Kb / 6P
   46 DARRAND STREET BLOOMFIELD, NEW JERSEY 07003
logo
Advanced Semiconductor
2N3866 ASI-2N3866 Datasheet
28Kb / 1P
   NPN SILICON HIGH FREQUENCY TRANSISTOR
More results

Similar Description - 2N3866

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5812 MICROSEMI-MRF5812 Datasheet
173Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com