Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF20NS60 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF20NS60
Description  600V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF20NS60 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF20NS60_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF20NS60_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF20NS60_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF20NS60_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF20NS60_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF20NS60_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF20NS60_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF20NS60
600V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.2
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
20
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
13
IDM
Pulsed Drain Current
80
A
Power Dissipation
208
W
PD @TC = 25°C
Linear Derating Factor
1.4
W/°C
VDS
Drain-Source Voltage
600
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=13.8mH
248
mJ
IAR
Avalanche Current @ L=13.8mH
6
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
VDSS
600V
RDS(on)
170mΩ(typ.)
ID
20A
TO-220
Marking and Pin
Assignment
Schematic Diagram
High dv/dt and avalanche capabilities
100% avalanche tested
Low input capacitance and gate charge
Low gate input resistance
Lead free product
The SSF20NS60 series MOSFET is a new technology, which combines an innovative super junction
technology and advance process.This new technology achieves low RDS(ON), energy saving, high
reliability and uniformity, superior power density and space saving.


Similar Part No. - SSF20NS60_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF20NS60F SILIKRON-SSF20NS60F Datasheet
483Kb / 8P
   High dv/dt and avalanche capabilities
logo
GOOD-ARK Electronics
SSF20NS60F GOOD-ARK-SSF20NS60F Datasheet
729Kb / 7P
   600V N-Channel MOSFET
SSF20NS60F GOOD-ARK-SSF20NS60F_15 Datasheet
729Kb / 7P
   600V N-Channel MOSFET
More results

Similar Description - SSF20NS60_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FQP3N60C FAIRCHILD-FQP3N60C Datasheet
738Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com