Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N2327A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N2327A
Description  SILICON CONTROLLED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2327A Datasheet(HTML) 2 Page - Microsemi Corporation

  2N2327A Datasheet HTML 1Page - Microsemi Corporation 2N2327A Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N2323, A, AS, S; 2N2324, A, AS, S; 2N2326, A, AS, S; 2N2328, A, AS, S; 2N232, S JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Forward Blocking Current
R2 = 1 k
2N2323 thru 2N2329
2N2323S thru 2N2329S
R2 = 2 k
2N2323A thru 2N2328A
2N2323AS thru 2N2328AS
VR = 50 Vdc
2N2323, S, A, AS
VR = 100 Vdc
2N2324, S, A, AS
VR = 200 Vdc
2N2326, S, A, AS
VR = 300 Vdc
2N2328, S, A, AS
VR = 400 Vdc
2N2329, S
IFBX1
10
µAdc
Reverse Gate Current
VKG = 6 Vdc
IKG
200
µAdc
Gate Trigger Voltage and Current
V2 = VFBX = 6 Vdc; RL = 100
Re = 1 k
2N2323 thru 2N2329 and
2N2323S thru 2N2329S
Re = 2 k
2N2323A thru 2N2328A and
2N2323AS thru 2N2328AS
VGT1
IGT1
VGT1
IGT1
0.35
0.35
0.80
200
0.60
20
Vdc
µAdc
Vdc
µAdc
SUBGROUP 4 TESTING
Exponential Rate of Voltage Rise TA = 125
0C
50
Ω ≤ R
L
≤ 400 Ω, C = 0.1 to 1.0 µF, repetition rate = 60 pps,
test duration = 15 seconds
dv/dt = 1.8 v/
µs, R
3 = 1 k
2N2323 thru 2N2329 and
2N2323S thru 2N2329S
dv/dt = 0.7 v/
µs, R
3 = 2 k
2N2323A thru 2N2328A and
2N2323AS thru 2N2328AS
VAA = 50 Vdc
2N2323, S, A, AS
VAA = 100 Vdc
2N2324, S, A, AS
VAA = 200 Vdc
2N2326, S, A, AS
VAA = 300 Vdc
2N2328, S, A, AS
VAA = 400 Vdc
2N2329, S
VFBX
47
95
190
285
380
Vdc
Forward “on” Voltage
iFM = 4a (pk) (pulse), pulse width = 8.5 ms, max; duty cycle = 2% max
VFM
2.2
V(pk)
Holding Current
VAA = 24 Vdc max, IF1 = 100 mAdc, IF2 = 10 mAdc
Gate trigger source voltage = 6 Vdc,
trigger pulse width = 25
µs min., R
2 = 330
R3 = 1 k
2N2323 thru 2N2329 and
2N2323S thru 2N2329S
R3 = 2 k
2N2323A thru 2N2328A and
2N2323AS thru 2N2328AS
IHOX
2.0
mAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Similar Part No. - 2N2327A

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
2N2327A DIGITRON-2N2327A Datasheet
397Kb / 3P
   SILICON CONTROLLED RECTIFIERS
More results

Similar Description - 2N2327A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CS18B CENTRAL-CS18B Datasheet
76Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
New Jersey Semi-Conduct...
2N3756 NJSEMI-2N3756 Datasheet
251Kb / 2P
   SILICON CONTROLLED RECTIFIER
C137E NJSEMI-C137E Datasheet
182Kb / 3P
   Silicon Controlled Rectifier
logo
Solid States Devices, I...
SCR010C SSDI-SCR010C_15 Datasheet
179Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
Digitron Semiconductors
2N877 DIGITRON-2N877 Datasheet
372Kb / 5P
   SILICON CONTROLLED RECTIFIER
logo
SHANTOU HUASHAN ELECTRO...
HCP20C60 HUASHAN-HCP20C60 Datasheet
179Kb / 3P
   Silicon Controlled Rectifier
HCR1C60 HUASHAN-HCR1C60 Datasheet
720Kb / 3P
   Silicon Controlled Rectifier
logo
Central Semiconductor C...
CZS5064 CENTRAL-CZS5064 Datasheet
94Kb / 2P
   SILICON CONTROLLED RECTIFIER
logo
SemiHow Co.,Ltd.
MCK100-8 SEMIHOW-MCK100-8 Datasheet
384Kb / 5P
   Silicon Controlled Rectifier
logo
Digitron Semiconductors
MCR3935 DIGITRON-MCR3935 Datasheet
153Kb / 3P
   SILICON CONTROLLED RECTIFIER
MCR3818 DIGITRON-MCR3818 Datasheet
272Kb / 6P
   SILICON CONTROLLED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com