Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3585 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N3585
Description  5 Amp, 500V, High Voltage NPN Silicon Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3585 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N3585 Datasheet HTML 1Page - Microsemi Corporation 2N3585 Datasheet HTML 2Page - Microsemi Corporation 2N3585 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1057.PDF 05-19-99
2N3585
ABSOLUTE MAXIMUM RATINGS:
ABSOLUTE MAXIMUM RATINGS:
SYMBOL
CHARACTERISTIC
VALUE
UNITS
VCBO*
Collector-Base Voltage
500
Volts
VCEO*
Collector-Emitter Voltage
300
Volts
VCER*
Collector-Emitter Voltage RBE = 50
400
Volts
VEBO*
Emitter-Base Voltage
6
Volts
IC*
Peak Collector Current
5
Amps
IC*
Continuous Collector Current
2
Amps
IB*
Base Current
1
Amps
TSTG*
Storage Temperature
-65 to 200
°°C
TJ*
Operating Junction Temperature
-65 to 200
°°C
*
Lead Temperature 1/16" from Case for 10 Sec.
235
°°C
PT*
θθ JC
Power Dissipation
TC = 25°°C
Thermal Impedance
35
5.0
Watts
°°C/W
5 Amp, 500V,
High Voltage
NPN Silicon Power
Transistors
TO-66
APPLICATIONS:
Off-Line Inverters
Deflection Circuits
Switching Regulators
DC-DC Converters
Motor Controls
High Voltage Amplifiers
7516 Central Industrial Drive
Riviera Beach, Florida
33404
PHONE: (561) 842-0305
FAX: (561) 845-7813
DESCRIPTION:
DESCRIPTION:
These power transistors are produced by PPC's DOUBLE
DIFFUSED PLANAR process. This technology produces high
voltage devices with excellent switching speeds, frequency
response, gain linearity, saturation voltages, high current gain,
and safe operating areas. They are intended for use in
Commercial, Industrial, and Military power switching, amplifier,
and regulator applications.
Ultrasonically bonded leads and controlled die mount
techniques are utilized to further increase the SOA capability
and inherent reliability of these devices. The temperature
range to 200
°°C permits reliable operation in high ambients, and
the hermetically sealed package insures maximum reliability
and long life.
*
Indicates JEDEC registered data.
FEATURES:
High Voltage: 250 to 500V
High Current: 2 Amps
Fast Switching: tf < 3µ
µ sec.
Low VCE (SAT)
High Power: 35 Watts


Similar Part No. - 2N3585

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3585 MOSPEC-2N3585 Datasheet
217Kb / 4P
   POWER TRANSISTORS(35W)
logo
Comset Semiconductor
2N3585 COMSET-2N3585 Datasheet
102Kb / 3P
   NPN SILICON POWER TRANSISTORS.
logo
Boca Semiconductor Corp...
2N3585 BOCA-2N3585 Datasheet
224Kb / 4P
   COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Savantic, Inc.
2N3585 SAVANTIC-2N3585 Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
Microsemi Corporation
2N3585 MICROSEMI-2N3585 Datasheet
65Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
More results

Similar Description - 2N3585

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N4240 MICROSEMI-2N4240 Datasheet
75Kb / 3P
   5 Amp, 500V, High Voltage NPN Silicon Power Transistors
2N3583 MICROSEMI-2N3583 Datasheet
63Kb / 3P
   5 Amp, 250V, High Voltage NPN Silicon Power Transistors
2N3584 MICROSEMI-2N3584 Datasheet
64Kb / 3P
   5 Amp, 375V, High Voltage NPN Silicon Power Transistors
logo
ON Semiconductor
TIP47G ONSEMI-TIP47G Datasheet
163Kb / 6P
   High Voltage NPN Silicon Power Transistors
April, 2010 ??Rev. 8
logo
New Jersey Semi-Conduct...
2N6249 NJSEMI-2N6249 Datasheet
137Kb / 3P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Motorola, Inc
2N6251 MOTOROLA-2N6251 Datasheet
99Kb / 6P
   High Voltage NPN Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N3439 NJSEMI-2N3439 Datasheet
144Kb / 1P
   NPN SILICON HIGH VOLTAGE POWER TRANSISTORS
MJE3439 NJSEMI-MJE3439 Datasheet
87Kb / 2P
   NPN Silicon High-Voltage Power Transistors
logo
STMicroelectronics
BUV46 STMICROELECTRONICS-BUV46 Datasheet
47Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6497 BOCA-2N6497 Datasheet
185Kb / 4P
   HIGH VOLTAGE NPN SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com