Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N983B Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N983B
Description  SILICON 500 mW ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N983B Datasheet(HTML) 1 Page - Microsemi Corporation

  1N983B Datasheet HTML 1Page - Microsemi Corporation 1N983B Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 1N983B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N983B JGD-1N983B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Yea Shin Technology Co....
1N983B YEASHIN-1N983B Datasheet
1Mb / 9P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Compensated Deuices Inc...
1N983B CDI-DIODE-1N983B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Digitron Semiconductors
1N983B DIGITRON-1N983B Datasheet
196Kb / 3P
   500mW SILICON ZENER DIODES
logo
Microsemi Corporation
1N983B MICROSEMI-1N983B Datasheet
87Kb / 2P
   SILICON 400 mW ZENER DIODES
More results

Similar Description - 1N983B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
217Kb / 3P
   Silicon 500 mW Zener Diodes
1N957BUR-1 MICROSEMI-1N957BUR-1 Datasheet
503Kb / 6P
   Silicon MELF 500 mW Zener Diodes
Rev. 1
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
1N6309 CDI-DIODE-1N6309 Datasheet
111Kb / 2P
   500 mW ZENER DIODES
logo
New Jersey Semi-Conduct...
RD2.0E NJSEMI-RD2.0E Datasheet
346Kb / 5P
   500 mW PLANAR TYPE SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com