Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1PMT4635 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1PMT4635
Description  LOW NOISE 1 WATT Zener Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1PMT4635 Datasheet(HTML) 1 Page - Microsemi Corporation

  1PMT4635 Datasheet HTML 1Page - Microsemi Corporation 1PMT4635 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSC0994.PDF
ISO 9001 CERTIFIED
REV F 10/27/99
8700 E. Thomas Road
Scottsdale, AZ 85251
Tel: (480) 941-6300
Fax: (480) 947-1503
Description
In Microsemi's Powermite
® surface mount package, these zener diodes
provide power-handling capabilities found in larger packages. In addition to
its size advantages, Powermite
® package features include a full metallic
bottom that eliminates the possibility of solder flux entrapment during
assembly, and a unique locking tab acts as an integral heat sink. Its
innovative design makes this device ideal for use with automatic insertion
equipment.
Features
Surface Mount Packaging
Integral Heat Sink Locking Tabs
Compatible with automatic insertion equipment
Full metallic bottom eliminates flux entrapment
Zener voltage 1.8 to 100V
Low noise
Low reverse leakage current
Tight tolerance available
Maximum Ratings
Junction and storage temperatures: -55
°C to +150°C
DC power dissipation: 1 watt
Forward voltage:
@ 200 mA 1.1 volts
Mechanical Specifications
Mounting Pad Dimensions
POWERMITE
®
LOW NOISE 1 WATT
Zener Diodes
1PMT4614 thru 1PMT4627
and
1PMT4099 thru 1PMT4135
Mechanical Characteristics
Cathode designated by TAB 1
Mounting position any way
Molded package
Weight: 0.016 gram (approximate)
Thermal resistance 30°C/W junction to
TAB 1
Packaging
Tape & Reel EIA Standard 481
CIRCUIT DIAGRAM
DO-216
Inches
All dimensions +/- .005 inches


Similar Part No. - 1PMT4635

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT4614 MICROSEMI-1PMT4614 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
1PMT4614E3 MICROSEMI-1PMT4614E3 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
1PMT4615 MICROSEMI-1PMT4615 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
1PMT4615E3 MICROSEMI-1PMT4615E3 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
1PMT4616 MICROSEMI-1PMT4616 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
More results

Similar Description - 1PMT4635

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1PMT4614E3 MICROSEMI-1PMT4614E3 Datasheet
139Kb / 4P
   POWERMITETM Low Noise 1 Watt Zener Diodes
logo
Compensated Deuices Inc...
CDLL4728 CDI-DIODE-CDLL4728 Datasheet
112Kb / 2P
   1 WATT ZENER DIODES
1N3016B CDI-DIODE-1N3016B Datasheet
21Kb / 2P
   1 WATT ZENER DIODES
CDLL3016B CDI-DIODE-CDLL3016B Datasheet
23Kb / 2P
   1 WATT ZENER DIODES
logo
Microsemi Corporation
1N4728AP MICROSEMI-1N4728AP Datasheet
175Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Digitron Semiconductors
1N4728 DIGITRON-1N4728 Datasheet
184Kb / 3P
   SILICON 1 WATT ZENER DIODES
logo
Microsemi Corporation
SMBJ5221 MICROSEMI-SMBJ5221 Datasheet
89Kb / 2P
   SILICON 1 WATT ZENER DIODES
1N4728A MICROSEMI-1N4728A Datasheet
65Kb / 2P
   SILICON 1 WATT ZENER DIODES
logo
First Components Intern...
1N5229A FCI-1N5229A Datasheet
162Kb / 3P
   1/2 Watt ZENER DIODES
1N5230 FCI-1N5230 Datasheet
183Kb / 2P
   1/2 Watt ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com