Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16256G-I Datasheet(PDF) 6 Page - AMIC Technology

Part # LP62S16256G-I
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256G-I Datasheet(HTML) 6 Page - AMIC Technology

Back Button LP62S16256G-I Datasheet HTML 2Page - AMIC Technology LP62S16256G-I Datasheet HTML 3Page - AMIC Technology LP62S16256G-I Datasheet HTML 4Page - AMIC Technology LP62S16256G-I Datasheet HTML 5Page - AMIC Technology LP62S16256G-I Datasheet HTML 6Page - AMIC Technology LP62S16256G-I Datasheet HTML 7Page - AMIC Technology LP62S16256G-I Datasheet HTML 8Page - AMIC Technology LP62S16256G-I Datasheet HTML 9Page - AMIC Technology LP62S16256G-I Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LP62S16256G-I Series
(June, 2008, Version 1.0)
5
AMIC Technology, Corp.
Truth Table
CE
OE
WE
LB
HB
I/O1 to I/O8 Mode
I/O9 to I/O16 Mode
VCC Current
H
X
X
X
X
Not selected
Not selected
ISB1, ISB
X
X
X
H
H
High - Z
High - Z
ISB1, ISB
L
L
Read
Read
ICC1, ICC2, ICC
L
L
H
L
H
Read
High - Z
ICC1, ICC2, ICC
H
L
High - Z
Read
ICC1, ICC2, ICC
L
L
Write
Write
ICC1, ICC2, ICC
L
X
L
L
H
Write
High - Z
ICC1, ICC2, ICC
H
L
High - Z
Write
ICC1, ICC2, ICC
L
H
H
L
X
High - Z
High - Z
ICC1, ICC2, ICC
L
H
H
X
L
High - Z
High - Z
ICC1, ICC2, ICC
Note: X = H or L
Capacitance (TA = 25°C, f = 1.0MHz)
Symbol
Parameter
Min.
Max.
Unit
Conditions
CIN*
Input Capacitance
6
pF
VIN = 0V
CI/O*
Input/Output Capacitance
8
pF
VI/O = 0V
* These parameters are sampled and not 100% tested.


Similar Part No. - LP62S16256G-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256G-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I Datasheet
208Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com