Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62E16512-T Datasheet(PDF) 11 Page - AMIC Technology

Part # LP62E16512-T
Description  512K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62E16512-T Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP62E16512-T_15 Datasheet HTML 6Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 7Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 8Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 9Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 10Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 11Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 12Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 13Page - AMIC Technology LP62E16512-T_15 Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LP62E16512-T Series
(August, 2004, Version 1.1)
10
AMIC Technology, Corp.
Timing Waveforms (continued)
Write Cycle 3
(Byte Enable Controlled)
tWC
tAW
Address
CS1
tWR3
tCW1 , tCW2
tBW2
tAS1
DATA IN
DATA OUT
WE
HB, LB
tWP
tDW
tDH
tOW
tWHZ4
CS2
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP, tBW) of a low
1
CS , WE and ( HB and , or LB ) or a high CS2.
3. tWR is measured from the earliest of
1
CS
or WE or ( HB and , or LB ) going high or CS2 going Low to the end of the
Write cycle.
4. OE level is high or low.
5. Transition is measured
±200mV from steady state. This parameter is sampled and not 100% tested.


Similar Part No. - LP62E16512-T_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62E16512-T AMICC-LP62E16512-T Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62E16512-T_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16512-I AMICC-LP62S16512-I Datasheet
150Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-I AMICC-LP62S16512-I_15 Datasheet
204Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T Datasheet
150Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-I AMICC-LP62E16512-I Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-T AMICC-LP62E16512-T Datasheet
147Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16512-I AMICC-LP62E16512-I_15 Datasheet
203Kb / 14P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16512-T AMICC-LP62S16512-T_15 Datasheet
196Kb / 13P
   512K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316 LYONTEK-LY62W51316_13 Datasheet
376Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com