Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A623308A Datasheet(PDF) 9 Page - AMIC Technology

Part # A623308A
Description  8K X 8 BIT CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A623308A Datasheet(HTML) 9 Page - AMIC Technology

Back Button A623308A_15 Datasheet HTML 5Page - AMIC Technology A623308A_15 Datasheet HTML 6Page - AMIC Technology A623308A_15 Datasheet HTML 7Page - AMIC Technology A623308A_15 Datasheet HTML 8Page - AMIC Technology A623308A_15 Datasheet HTML 9Page - AMIC Technology A623308A_15 Datasheet HTML 10Page - AMIC Technology A623308A_15 Datasheet HTML 11Page - AMIC Technology A623308A_15 Datasheet HTML 12Page - AMIC Technology A623308A_15 Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
A623308A Series
(July, 2006, Version 1.0)
8
AMIC Technology, Corp.
Timing Waveforms (continued)
Write Cycle 2
(6)
(Chip Enable Controlled)
tWC
Address
CE
DIN
tDH
tDW
(4)
tCW5
tAW
tWR3
WE
DOUT
tWHZ7
tWP2
tAS1
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low CE and a low WE .
3. tWR is measured form the earliest of CE or WE going high to the end of the Write cycle.
4. If the CE low transition occurs simultaneously with the WE low transition or after the WE transition, outputs
remain in a high impedance state.
5. tCW is measured from the later of CE going low to the end of Write.
6. OE level is high or low.
7. Transition is measured
±500mV from steady. This parameter is sampled and not 100% tested.


Similar Part No. - A623308A_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308A-70SF AMICC-A623308A-70SF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308A-70SIF AMICC-A623308A-70SIF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308A-70SUF AMICC-A623308A-70SUF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308AM-70SF AMICC-A623308AM-70SF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
A623308AM-70SIF AMICC-A623308AM-70SIF Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results

Similar Description - A623308A_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6164_1008 LYONTEK-LY6164_1008 Datasheet
234Kb / 13P
   8K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com