Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29800A Datasheet(PDF) 11 Page - AMIC Technology

Part # A29800A
Description  Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29800A Datasheet(HTML) 11 Page - AMIC Technology

Back Button A29800A Datasheet HTML 7Page - AMIC Technology A29800A Datasheet HTML 8Page - AMIC Technology A29800A Datasheet HTML 9Page - AMIC Technology A29800A Datasheet HTML 10Page - AMIC Technology A29800A Datasheet HTML 11Page - AMIC Technology A29800A Datasheet HTML 12Page - AMIC Technology A29800A Datasheet HTML 13Page - AMIC Technology A29800A Datasheet HTML 14Page - AMIC Technology A29800A Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
A29800A Series
(August, 2014, Version 1.3)
10
AMIC Technology, Corp.
Sector Protection/Unprotection
The hardware sector protection feature disables both
program and erase operations in any sector. The hardware
sector unprotection feature re-enables both program and
erase operations in previously protected sectors.
It is possible to determine whether a sector is protected or
unprotected. See “Autoselect Mode” for details.
Sector protection / unprotection can be implemented via two
methods. The primary method requires VID on the RESETpin
only, and can be implemented either in-system or via
programming equipment. Figure 2 shows the algorithm and
the Sector Protect / Unprotect Timing Diagram illustrates the
timing waveforms for this feature. This method uses standard
microprocessor bus cycle timing. For sector unprotect, all
unprotected sectors must first be protected prior to the first
sector unprotect write cycle. The alternate method must be
implemented using programming equipment. The procedure
requires a high voltage (VID) on address pin A9 and the
control pins.
The device is shipped with all sectors unprotected.
It is possible to determine whether a sector is protected or
unprotected. See "Autoselect Mode" for details.
Hardware Data Protection
The requirement of command unlocking sequence for
programming or erasing provides data protection against
inadvertent writes (refer to the Command Definitions table).
In addition, the following hardware data protection measures
prevent accidental erasure or programming, which might
otherwise be caused by spurious system level signals during
VCC power-up transitions, or from system noise. The device
is powered up to read array data to avoid accidentally writing
data to the array.
Low VCC Write Inhibit
When VCC is lower than VLKO, the device does not accept
any write cycles. This protects data during VCC power up
and power down. The command register and all internal
program/erase circuits are disabled, and the device resets.
Subsequent writes are ignored until VCC is greater than
VLKO. The system must provide the proper signals to the
control pins to prevent unintentional writes when VCC is
greater than VLKO.
Write Pulse "Glitch" Protection
Noise pulses of less than 5ns (typical) on
OE , CE or WE
do not initiate a write cycle.
Logical Inhibit
Write cycles are inhibited by holding any one of
OE =VIL,
CE = VIH or WE = VIH. To initiate a write cycle, CE and
WE must be a logical zero while OE is a logical one.
Power-Up Write Inhibit
If
WE = CE = VIL and OE = VIH during power up, the
device does not accept commands on the rising edge of
WE . The internal state machine is automatically reset to
reading array data on the initial power-up.
Temporary Sector Unprotect
This feature allows temporary unprotection of previous
protected sectors to change data in-system. The Sector
Unprotect mode is activated by setting the RESET pin to VID.
During this mode, formerly protected sectors can be
programmed or erased by selecting the sector addresses.
Once VID is removed from the RESET pin, all the previously
protected sectors are protected again. Figure 1 shows the
algorithm, and the Temporary Sector Unprotect diagram
shows the timing waveforms, for this feature.
START
RESET = VID
(Note 1)
Perform Erase or
Program Operations
RESET = VIH
Temporary Sector
Unprotect
Completed (Note 2)
Notes:
1. All protected sectors unprotected.
2. All previously protected sectors are protected once again.
Figure 1. Temporary Sector Unprotect Operation


Similar Part No. - A29800A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55F AMICC-A29800BTG-55F Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55UF AMICC-A29800BTG-55UF Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTV-55F AMICC-A29800BTV-55F Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29800A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L160B AMICC-A29L160B Datasheet
471Kb / 41P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com