Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29800A Datasheet(PDF) 9 Page - AMIC Technology

Part # A29800A
Description  Boot Sector Flash Memory
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29800A Datasheet(HTML) 9 Page - AMIC Technology

Back Button A29800A Datasheet HTML 5Page - AMIC Technology A29800A Datasheet HTML 6Page - AMIC Technology A29800A Datasheet HTML 7Page - AMIC Technology A29800A Datasheet HTML 8Page - AMIC Technology A29800A Datasheet HTML 9Page - AMIC Technology A29800A Datasheet HTML 10Page - AMIC Technology A29800A Datasheet HTML 11Page - AMIC Technology A29800A Datasheet HTML 12Page - AMIC Technology A29800A Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
A29800A Series
(August, 2014, Version 1.3)
8
AMIC Technology, Corp.
Table 3. A29800A Bottom Boot Block Sector Address Table
Address Range (in hexadecimal)
Sector
A18
A17
A16
A15
A14
A13
A12
Sector Size
(Kbytes/
Kwords)
Byte Mode (x8)
Word Mode (x16)
SA0
0
0
0
0
0
0
X
16/8
000000h - 003FFFh
00000h - 01FFFh
SA1
0
0
0
0
0
1
0
8/4
004000h - 005FFFh
02000h - 02FFFh
SA2
0
0
0
0
0
1
1
8/4
006000h - 007FFFh
03000h - 03FFFh
SA3
0
0
0
0
1
X
X
32/16
008000h - 00FFFFh
04000h - 07FFFh
SA4
0
0
0
1
X
X
X
64/32
010000h - 01FFFFh
08000h - 0FFFFh
SA5
0
0
1
0
X
X
X
64/32
020000h - 02FFFFh
10000h - 17FFFh
SA6
0
0
1
1
X
X
X
64/32
030000h - 03FFFFh
18000h - 1FFFFh
SA7
0
1
0
0
X
X
X
64/32
040000h - 04FFFFh
20000h - 27FFFh
SA8
0
1
0
1
X
X
X
64/32
050000h - 05FFFFh
28000h - 2FFFFh
SA9
0
1
1
0
X
X
X
64/32
060000h - 06FFFFh
30000h - 37FFFh
SA10
0
1
1
1
X
X
X
64/32
070000h - 07FFFFh
38000h - 3FFFFh
SA11
1
0
0
0
X
X
X
64/32
080000h - 08FFFFh
40000h - 47FFFh
SA12
1
0
0
1
X
X
X
64/32
090000h - 09FFFFh
48000h - 4FFFFh
SA13
1
0
1
0
X
X
X
64/32
0A0000h - 0AFFFFh
50000h - 57FFFh
SA14
1
0
1
1
X
X
X
64/32
0B0000h - 0BFFFFh
58000h - 5FFFFh
SA15
1
1
0
0
X
X
X
64/32
0C0000h - 0CFFFFh
60000h - 67FFFh
SA16
1
1
0
1
X
X
X
64/32
0D0000h - 0DFFFFh
68000h - 6FFFFh
SA17
1
1
1
0
X
X
X
64/32
0E0000h - 0EFFFFh
70000h - 77FFFh
SA18
1
1
1
1
X
X
X
64/32
0F0000h - 0FFFFFh
78000h - 7FFFFh
Note:
Address range is A18 : A-1 in byte mode and A18 : A0 in word mode. See “Word/Byte Configuration” section.


Similar Part No. - A29800A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29800 AMICC-A29800 Datasheet
514Kb / 34P
   1024K X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800B AMICC-A29800B Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55F AMICC-A29800BTG-55F Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTG-55UF AMICC-A29800BTG-55UF Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29800BTV-55F AMICC-A29800BTV-55F Datasheet
488Kb / 40P
   1M X 8 Bit / 512K X 16 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
More results

Similar Description - A29800A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L160B AMICC-A29L160B Datasheet
471Kb / 41P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com