Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2218A Datasheet(PDF) 8 Page - Microsemi Corporation

Part No. 2N2218A
Description  SMALL SIGNAL BIPOLAR NPN SILICON
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 8 page
background image
MSCO933A 10-14-98
DSW2N2218A <-> (34724)
2N2218A
FIGURE 7
FIGURE 8
10
100
1000
COLLECTOR CURRENT
(mA)
100
10
100
100
10
100
SWITCHING TURN - 0N TIME
TJ = 25 C IC/IB = 10
min.
max.
500
10
100
COLLECTOR CURRENT
(mA)
1000
100
1000
1000
100
1000
SWITCHING TURN - OFF TIME
TJ = 25 C
IC/IB = 10
min.
max.




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N2484SMALL SIGNAL BIPOLAR NPN SILICON 1 2 3 4 5 MoreMicrosemi Corporation
2N2219ASMALL SIGNAL BIPOLAR NPN SILICON 1 2 3 4 5 MoreMicro Commercial Components
2N2219ASMALL SIGNAL BIPOLAR NPN SILICON 1 2 3 4 5 MoreMicrosemi Corporation
2N2221ASMALL SIGNAL BIPOLAR NPN SILICON 1 2 3 4 5 MoreMicrosemi Corporation
2SC5343MNPN Silicon Transistor General small signal amplifier 1 2 3 4 AUK corp
FMMTA20SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTOR 1 Zetex Semiconductors
CP214Small Signal Transistor NPN - Silicon RF Transistor Chip 1 2 Central Semiconductor Corp
BC184LSILICON NPN SMALL SIGNAL TRANSISTOR 1 2 3 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl