Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79801-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS79801-Q1
Description  TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79801-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS79801-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS79801-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Thermal
Shutdown
Current
Limit
Bandgap
GND
OUT
SENSE
IN
EN
Internal
Supply
IN
OUT
FB
GND
EN
TPS79801
Load
V
IN
R
P
RETURN
OFF
-48V
FB
OUT
IN
EN
TPS79801
GND
1 F
m
1 F
m
R
SET
ON
TPS79801-Q1, TPS79850-Q1
www.ti.com
SLVS822E – MARCH 2009 – REVISED SEPTEMBER 2015
7 Detailed Description
7.1 Overview
The TPS798xx-Q1 is a 50-mA high-voltage LDO regulator with micropower quiescent current and shutdown. The
device is capable of supplying 50 mA at a dropout voltage of 300 mV (typical). The low operating quiescent
current (40
μA) drops to 1 μA in shutdown. In addition to the low quiescent current, the TPS798xx-Q1
incorporates several protection features that make it ideal for battery-powered applications.
The device is protected against both reverse-input and reverse-output voltages. In battery-backup applications,
where the output can be held up by a backup battery when the input is pulled to ground, the TPS798xx-Q1 acts
as if it has a diode in series with its output and prevents reverse current flow. Figure 14 and Figure 15 illustrate
two typical applications.
ILED = 1.275 V/RSET
–48 V can vary from –4 V to –50 V
Figure 14. Constant Brightness for Indicator LED Over Wide Input Voltage Range
Figure 15. Kelvin Sense Connection
7.2 Functional Block Diagram
Figure 16. Fixed Voltage Output Version
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS79801-Q1 TPS79850-Q1


Similar Part No. - TPS79801-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
More results

Similar Description - TPS79801-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
592Kb / 21P
[Old version datasheet]   50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com