Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29001A Datasheet(PDF) 11 Page - AMIC Technology

Part # A29001A
Description  Boot Sector Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A29001A Datasheet(HTML) 11 Page - AMIC Technology

Back Button A29001A Datasheet HTML 7Page - AMIC Technology A29001A Datasheet HTML 8Page - AMIC Technology A29001A Datasheet HTML 9Page - AMIC Technology A29001A Datasheet HTML 10Page - AMIC Technology A29001A Datasheet HTML 11Page - AMIC Technology A29001A Datasheet HTML 12Page - AMIC Technology A29001A Datasheet HTML 13Page - AMIC Technology A29001A Datasheet HTML 14Page - AMIC Technology A29001A Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
A29001A/A290011A Series
(March, 2015, Version 1.1)
10
AMIC Technology, Corp.
START
Write Erase
Command
Sequence
Data Poll
from System
Data = FFh ?
Erasure Completed
Yes
Embedded
Erase
algorithm in
progress
Note :
1. See the appropriate Command Definitions table for erase
command sequences.
2. See "I/O3 : Sector Erase Timer" for more information.
No
Figure 3. Erase Operation
command is ignored if written during the chip erase
operation or Embedded Program algorithm. Writing the
Erase Suspend command during the Sector Erase time-
out immediately terminates the time-out period and
suspends the erase operation. Addresses are "don't
cares" when writing the Erase Suspend command.
When the Erase Suspend command is written during a
sector erase operation, the device requires a maximum of
20
μs to suspend the erase operation. However, when the
Erase Suspend command is written during the sector
erase time-out, the device immediately terminates the
time-out period and suspends the erase operation.
After the erase operation has been suspended, the system
can read array data from or program data to any sector
not selected for erasure. (The device "erase suspends" all
sectors selected for erasure.) Normal read and write
timings and command definitions apply. Reading at any
address within erase-suspended sectors produces status
data on I/O7 - I/O0. The system can use I/O7, or I/O6 and
I/O2 together, to determine if a sector is actively erasing or
is erase-suspended. See "Write Operation Status" for
information on these status bits.
After an erase-suspended program operation is complete,
the system can once again read array data within non-
suspended sectors. The system can determine the status
of the program operation using the I/O7 or I/O6 status bits,
just as in the standard program operation. See "Write
Operation Status" for more information.
The system may also write the autoselect command
sequence when the device is in the Erase Suspend mode.
The device allows reading autoselect codes even at
addresses within erasing sectors, since the codes are not
stored in the memory array. When the device exits the
autoselect mode, the device reverts to the Erase Suspend
mode, and is ready for another valid operation. See
"Autoselect Command Sequence" for more information.
The system must write the Erase Resume command
(address bits are "don't care") to exit the erase suspend
mode and continue the sector erase operation. Further
writes of the Resume command are ignored. Another
Erase Suspend command can be written after the device
has resumed erasing.


Similar Part No. - A29001A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29001 AMICC-A29001 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A29001 AMICC-A29001 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011 AMICC-A290011 Datasheet
311Kb / 32P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011 AMICC-A290011 Datasheet
454Kb / 36P
   128K X 8 Bit CMOS 5.0 Volt-only, Boot Sector Flash Memory
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
More results

Similar Description - A29001A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
A29L400B AMICC-A29L400B Datasheet
440Kb / 37P
   Boot Sector Flash Memory
A29L160B AMICC-A29L160B Datasheet
471Kb / 41P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com