Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1893 Datasheet(PDF) 2 Page - Microsemi Corporation

Part No. 2N1893
Description  NPN BIPOLAR TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROSEMI [Microsemi Corporation]
Homepage  http://www.microsemi.com
Logo 

   
 2 page
background image
CHARACTERISTICS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Off Characteristics
Collector-Emitter Breakdown Voltage (I C = 100 mAdc, RBE = 10 ohms)(1)
BVCER
100
--
Vdc
Collector-Emitter Sustaining Voltage(1) (I C = 30 mAdc, IB = 0)(1)
BVCEO
80
--
Vdc
Collector-Base Breakdown Voltage (I C = 100 µAdc, IE = 0)
BV(BR)CBO
120
--
Vdc
Emitter-Base Breakdown Voltage (IE = 100
µAdc, I
C = 0)
BV(BR)EBO
7.0
--
Vdc
Collector Cutoff Current (V CB = 90 Vdc, IE = 0)
(V CB = 90 Vdc, IE = 0, TA = 150
o
C)
ICBO
--
--
0.01
15
µAdc
Emitter Cutoff Current (V EB = 5.0 Vdc, IC = 0)
IEBO
--
0.01
µAdc
On Characteristics
D.C. Current Gain (I C = 0.1 mAdc, VCE = 10 Vdc)
(I C = 10mAdc, VCE = 10 Vdc)(1)
(I C = 10mAdc, VCE = 10 Vdc, TA = -55
o
C)(1)
(I C = 150mAdc, VCE = 10 Vdc)(1)
hFE
20
35
20
40
--
--
--
120
--
Collector-Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
VCE(Sat)
--
0.5
Vdc
Base-Emitter Saturation Voltage(1) ( Ic = 150 mAdc, IB = 15 mAdc)
VBE(Sat)
--
1.3
Vdc
Magnitude of small signal short-circuit forward current ratio (I C = 50 mAdc,
VCE = 10 Vdc, f = 20 MHz)
/hfe/
3
10
Output Capacitance (V CB = 10 Vdc, IE = 0, f = 1.0 MHz)
COBO
5
15
pF
Input Impedance =
(I C = 5.0 mAdc, VCB = 10 Vdc, f = 1.0kHz)
hib
4.0
8.0
Ohms
Voltage Feedback Ratio
(I C = 5.0 mAdc, VCB = 10 Vdc, f = 1.0 kHz)
hrb
--
1.5
X 10
-4
Small-Signal Current Gain (I c = 1.0 mAdc, VcB = 5.0Vdc, f = 1.0 kHz)
(I C = 5.0 mAdc, VCB = 10 Vdc, f = 1.0 kHz)
hfe
35
45
100
--
--
Output Admittance
(I C = 5.0 mAdc, VCB = 10 Vdc, f = 1.0 kHz)
hob
--
--
0.5
µmho
Pulse response (Vcc = 20Vdc, Ic = 500mAdc)
ton + toff
--
30
ns
(1) Pulse Test: Pulse Width
≤≤ 300 µµs, Duty Cycle ≤≤ 2.0%.
Electrical Parameters (TA @ 25
°°C unless otherwise specified)
2N1893
Datasheet# MSC0271A 5/19/97




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MMDJ3N03BJTDUAL BIPOLAR POWER TRANSISTOR NPN SILICON 30 VOLTS 3 AMPERES 1 2 3 4 Motorola, Inc
AT-41511General Purpose Low Noise NPN Silicon Bipolar Transistor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
2N3501NPN BIPOLAR TRANSISTOR 1 2 Microsemi Corporation
BUD42DHigh Speed High Gain Bipolar NPN Transistor with Antisaturation Network and Transient Voltage Suppression Capability 1 2 3 4 5 MoreON Semiconductor
2N3700NPN BIPOLAR TRANSISTOR 1 2 Microsemi Corporation
JAN2N2369ANPN BIPOLAR TRANSISTOR 1 2 Microsemi Corporation
2N5832NPN Transistor Plastic-case Bipolar 1 Micro Commercial Components
AT-30511Low Current High Performance NPN Silicon Bipolar Transistor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
AT-31011Low Current High Performance NPN Silicon Bipolar Transistor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
AT-32011Low Current High Performance NPN Silicon Bipolar Transistor 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl