Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67X0636A Datasheet(PDF) 6 Page - AMIC Technology

Part # A67X0636A
Description  2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67X0636A Datasheet(HTML) 6 Page - AMIC Technology

Back Button A67X0636A Datasheet HTML 2Page - AMIC Technology A67X0636A Datasheet HTML 3Page - AMIC Technology A67X0636A Datasheet HTML 4Page - AMIC Technology A67X0636A Datasheet HTML 5Page - AMIC Technology A67X0636A Datasheet HTML 6Page - AMIC Technology A67X0636A Datasheet HTML 7Page - AMIC Technology A67X0636A Datasheet HTML 8Page - AMIC Technology A67X0636A Datasheet HTML 9Page - AMIC Technology A67X0636A Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
A67X1618A/A67X0636A Series
PRELIMINARY
(April, 2008, Version 0.0)
6
AMIC Technology, Corp.
Pin Description
Pin No.
Symbol
Description
LQFP (X18)
LQFP (X36)
37
36
35, 34, 33, 32,
100, 99, 82, 81,
44, 45, 46, 47,
48, 49, 50, 83, 84
43
80
37
36
35, 34, 33, 32,
100, 99, 82, 81,
45, 46, 47, 48,
49, 50, 83, 84, 43
44
A0
A1
A2 - A9
A11 - A19
A20
A10
Synchronous Address Inputs: These inputs are registered and
must meet the setup and hold times around the rising edge of
CLK. A0 and A1 are the two lest significant bits (LSB) of the
address field and set the internal burst counter if burst is desired.
93 (BW1)
94 (BW2 )
93 (BW1)
94 (BW2 )
95 (BW3 )
96 (BW4 )
BW1
BW2
BW3
BW4
Synchronous Byte Write Enables: These active low inputs allow
individual bytes to be written when a WRITE cycle is active and
must meet the setup and hold times around the rising edge of
CLK. BYTE WRITEs need to be asserted on the same cycle as
the address, BWs are associated with addresses and apply to
subsequent data. BW1 controls I/Oa pins; BW2 controls I/Ob pins;
BW3 controls I/Oc pins; BW4 controls I/Od pins.
89
89
CLK
Clock: This signal registers the address, data, chip enables, byte
write enables and burst control inputs on its rising edge. All
synchronous inputs must meet setup and hold times around the
clock are rising edge.
98
98
CE
Synchronous Chip Enable: This active low input is used to enable
the device. This input is sampled only when a new external
address is loaded (ADV/LD LOW).
92
92
CE2
Synchronous Chip Enable: This active low input is used to enable
the device and is sampled only when a new external address is
loaded (ADV/LD LOW). This input can be used for memory depth
expansion.
97
97
CE2
Synchronous Chip Enable: This active high input is used to enable
the device and is sampled only when a new external address is
loaded (ADV/LD LOW). This input can be used for memory depth
expansion.
86
86
OE
Output Enable: This active low asynchronous input enables the
data I/O output drivers.
85
85
ADV/LD
Synchronous Address Advance/Load: When HIGH, this input is
used to advance the internal burst counter, controlling burst
access after the external address is loaded. When HIGH, R/ W is
ignored. A LOW on this pin permits a new address to be loaded at
CLK rising edge.
87
87
CEN
Synchronous Clock Enable: This active low input permits CLK to
propagate throughout the device. When HIGH, the device ignores
the CLK input and effectively internally extends the previous CLK
cycle. This input must meet setup and hold times around the
rising edge of CLK.


Similar Part No. - A67X0636A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67X1618A AMICC-A67X1618A Datasheet
207Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
More results

Similar Description - A67X0636A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P1618 AMICC-A67P1618 Datasheet
203Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67X1618A AMICC-A67X1618A Datasheet
207Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67L0636 AMICC-A67L0636 Datasheet
253Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P1618A AMICC-A67P1618A Datasheet
205Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67L0636 AMICC-A67L0636_15 Datasheet
204Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P1618 AMICC-A67P1618 Datasheet
272Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com