Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A67X0636A Datasheet(PDF) 7 Page - AMIC Technology

Part # A67X0636A
Description  2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A67X0636A Datasheet(HTML) 7 Page - AMIC Technology

Back Button A67X0636A Datasheet HTML 3Page - AMIC Technology A67X0636A Datasheet HTML 4Page - AMIC Technology A67X0636A Datasheet HTML 5Page - AMIC Technology A67X0636A Datasheet HTML 6Page - AMIC Technology A67X0636A Datasheet HTML 7Page - AMIC Technology A67X0636A Datasheet HTML 8Page - AMIC Technology A67X0636A Datasheet HTML 9Page - AMIC Technology A67X0636A Datasheet HTML 10Page - AMIC Technology A67X0636A Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
A67X1618A/A67X0636A Series
PRELIMINARY
(April, 2008, Version 0.0)
7
AMIC Technology, Corp.
Pin Description (continued)
Pin No.
Symbol
Description
LQFP (X18)
LQFP (X36)
64
64
ZZ
Snooze Enable: This active high asynchronous input causes the
device to enter a low-power standby mode in which all data in the
memory array is retained. When active, all other inputs are
ignored.
88
88
R/ W
Read/Write: This active input determines the cycle type when
ADV/LD is LOW. This is the only means for determining READs
and WRITEs. READ cycles may not be converted into WRITEs
(and vice versa) other than by loading a new address. A LOW on
this pin permits BYTE WRITE operations and must meet the setup
and hold times around the rising edge of CLK. Full bus width
WRITEs occur if all byte write enables are LOW.
74, 73, 72, 69, 68,
63, 62, 59, 58,
24, 23, 22, 19, 18
13, 12, 9, 8
51, 52, 53, 56, 57,
58, 59, 62, 63
68, 69, 72, 73, 74,
75, 78, 79, 80
1, 2, 3, 6, 7, 8, 9,
12, 13,
18, 19, 22, 23, 24,
25, 28, 29, 30
I/Oa
I/Ob
I/Oc
I/Od
SRAM Data I/O: Byte “a” is I/Oa pins; Byte “b” is I/Ob pins; Byte
“c” is I/Oc pins; Byte “d” is I/Od pins. Input data must meet setup
and hold times around CLK rising edge.
31
31
MODE
Mode: This input selects the burst sequence. A LOW on this pin
selects linear burst. NC or HIGH on this pin selects interleaved
burst. Do not alter input state while device is operating.
1, 2, 3, 6, 7, 25, 28,
29, 30, 38, 39, 42,
51, 52, 53, 56, 57,
75, 78, 79, 95, 96
38,39,42
NC
No Connect: These pins can be left floating or connected to GND
to minimize thermal impedance.
14, 15, 16, 41, 65,
66, 91
14, 15, 16, 41, 65,
66, 91
VCC
Power Supply (+3.3V or +2.5V): See DC Electrical Characteristics
and Operating Conditions for range.
4, 11, 20, 27,
54, 61, 70, 77
4, 11, 20, 27, 54,
61, 70, 77
VCCQ
Isolated Output Buffer Supply (+3.3V or +2.5V): See DC Electrical
Characteristics and Operating Conditions for range.
17, 40, 67, 90
17, 40, 67, 90
VSS
Ground: GND.
5,10,21,26,
55,60,71,76
5,10,21,26,
55,60,71,76
VSSQ
Isolated Output Buffer Ground.


Similar Part No. - A67X0636A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67X1618A AMICC-A67X1618A Datasheet
207Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
More results

Similar Description - A67X0636A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A67P1618 AMICC-A67P1618 Datasheet
203Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67X1618A AMICC-A67X1618A Datasheet
207Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67L0636 AMICC-A67L0636 Datasheet
253Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P1618A AMICC-A67P1618A Datasheet
205Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67L0636 AMICC-A67L0636_15 Datasheet
204Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P1618 AMICC-A67P1618 Datasheet
272Kb / 18P
   2M X 18, 1M X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336_15 Datasheet
203Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
259Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67L0618 AMICC-A67L0618 Datasheet
252Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
A67P9336 AMICC-A67P9336 Datasheet
249Kb / 18P
   1M X 18, 512K X 36 LVTTL, Pipelined ZeBL SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com