Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79718-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS79718-Q1
Description  ULTRALOW-POWER SC70/SOR-323 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS79718-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS79718-Q1_15 Datasheet HTML 1Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 2Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 3Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 4Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS79718-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPS79718Q1
TPS79730Q1
TPS79733Q1
SGLS264A − SEPTEMBER 2004 − REVISED JUNE 2008
3
www.ti.com
electrical characteristics over recommended operating free-air temperature range,
VI = VO(typ) + 1 V, IO = 1 mA, Co = 1 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VI
Input voltage (see Note 2)
IO = 3 mA
1.8
5.5
V
VI
Input voltage (see Note 2)
IO = 10 mA
2
5.5
V
IO
Continuous output current (see Note 3)
0
10
mA
TJ
Operating junction temperature, TJ
-40
125
°C
TPS79718
TA = 25°C,
2.8 V < VI < 5.5 V
1.8
V
TPS79718
TJ = −40°C to 125°C, 2.8 V < VI < 5.5 V
1.71
1.89
V
Output voltage (10
µA to 10 mA Load)
TPS79730
TA = 25°C,
4 V < VI < 5.5 V
3
V
Output voltage (10
µA to 10 mA Load)
(see Note 4)
TPS79730
TJ = −40°C to 125°C, 4 V < VI < 5.5 V
2.880
3.12
V
(see Note 4)
TPS79733
TA = 25°C,
4.3 V < VI < 5.5 V
3.3
V
TPS79733
TJ = −40°C to 125°C, 4.3 V < VI < 5.5 V
3.168
3.432
V
Quiescent current (GND current) (see Note 4)
TA = 25°C,
0
µA < IO < 10 mA
1.2
A
Quiescent current (GND current) (see Note 4)
TJ = −40°C to 125°C, IO = 10 mA
5
µA
Load regulation
TA = 25°C,
IO = 1 µA to 10 mA
17
mV
Output voltage line regulation (
∆VO/VO
(see Note 4)
VO + 1 V < VI ≤ 5.5 V, TA = 25°C
0.15
%/V
Output voltage line regulation (
∆VO/VO) (see Note 4)
VO + 1 V < VI ≤ 5.5 V, TJ = −40°C to 125°C
0.8
%/V
Output noise voltage (TPS79718)
BW = 200 Hz to 100 kHz, Co = 10 µF,
IO = 10 mA,
TA = 25°C
600
µVRMS
Output current limit
VO = 0 V,
See Note 4
190
300
mA
Power supply ripple rejection (TPS79718)
f = 100 Hz,
Co = 10 µF,
IO = 10 mA,
TA = 25°C
50
dB
TPS79730
IO = 10 mA,
TA = 25°C
110
Dropout voltage (see Note 5)
TPS79730
IO = 10 mA,
TJ = −40°C to 125°C
400
mV
Dropout voltage (see Note 5)
TPS79733
IO = 10 mA,
TA = 25°C
105
mV
TPS79733
IO = 10 mA,
TJ = −40°C to 125°C
400
Minimum input voltage for valid PG
IO(PG) = 100µA,
V(PG) ≥ 0.8 V
1.2
V
PG trip threshold voltage
VO decreasing
82
90
96
%VO
PG output low voltage
VI = 1.4 V,
IO(PG) = 100 µA
0.14
0.4
V
PG leakage current
V(PG) = 5 V
0.1
nA
NOTES:
2. To calculate the minimum input voltage for your maximum output current, use the following formula:
VI(min) = VO(max) + VDO (max load)
3. Continuous output current is limited by internal protection circuitry, but it is not recommended that the device operate under
conditions beyond those specified in this table for extended periods of time.
4. The minimum IN operating voltage is 1.8 V or VO (typ) + 1 V, whichever is greater. The maximum IN voltage is 5.5 V. There is no
minimum output current requirement and the maximum output current is 10 mA.
5. IN voltage equals VO(typ) −100 mV; The TPS79730 input voltage is set to 2.9 V and the TPS79733 input voltage is set to 3.2 V. The
TPS79718 dropout voltage is limited by input voltage range limitations.


Similar Part No. - TPS79718-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
More results

Similar Description - TPS79718-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79718-Q1 TI-TPS79718-Q1 Datasheet
236Kb / 13P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-223 PACKAGED 10MA LDO LINEAR REGULATORS WITH POWER GOOD OUPUT
TPS79718 TI-TPS79718 Datasheet
232Kb / 11P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-Q1 TI1-TPS79718-Q1_16 Datasheet
330Kb / 15P
[Old version datasheet]   ULTRALOW-POWER SC70/SOT-323 PACKAGED 10 mA LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS797 TI-TPS797 Datasheet
905Kb / 18P
[Old version datasheet]   Ultralow IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718 TI1-TPS79718_12 Datasheet
636Kb / 17P
[Old version datasheet]   Ultra-Low IQ, 50mA LDO Linear Regulators with Power Good Output in SC70 Package
TPS79718-EP TI1-TPS79718-EP Datasheet
460Kb / 15P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79733-EP TI-TPS79733-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79730-EP TI-TPS79730-EP Datasheet
839Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS79718-EP TI-TPS79718-EP_15 Datasheet
804Kb / 16P
[Old version datasheet]   ULTRA LOW-POWER, 10 mA, LDO LINEAR REGULATORS WITH POWER GOOD OUTPUT
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com