Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78225-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS78225-Q1
Description  150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS78225-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS78225-Q1_15 Datasheet HTML 5Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 6Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 7Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 8Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 9Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 10Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 11Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 12Page - Texas Instruments TPS78225-Q1_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
TPS78227
GND
EN
IN
OUT
V
IN
V
OUT
1 F
m
1 F
m
4.2Vto5.5V
2.7V
On
Off
TPS78225-Q1, TPS78227-Q1
TPS78228-Q1, TPS78230-Q1
www.ti.com
SBVS138 – DECEMBER 2009
APPLICATION INFORMATION
APPLICATION EXAMPLES
The TPS782xx family of LDOs is factory-programmable to have a fixed output. Note that during startup or
steady-state conditions, it is important that the EN pin voltage never exceed VIN + 0.3 V.
Figure 15. Typical Application Circuit
INPUT AND OUTPUT CAPACITOR REQUIREMENTS
Although an input capacitor is not required for stability, it is good analog design practice to connect a 0.1-
μF to
1.0-
μF low equivalent series resistance (ESR) capacitor across the input supply near the regulator. This
capacitor counteracts reactive input sources and improves transient response, noise rejection, and ripple
rejection. A higher-value capacitor may be necessary if large, fast rise-time load transients are anticipated, or if
the device is not located near the power source. If source impedance is not sufficiently low, a 0.1-
μF input
capacitor may be necessary to ensure stability.
The TPS782xx series are designed to be stable with standard ceramic capacitors with values of 1.0
μF or larger
at the output. X5R- and X7R-type capacitors are best because they have minimal variation in value and ESR
over temperature. Maximum ESR should be less than 1.0
Ω. With tolerance and dc bias effects, the minimum
capacitance to ensure stability is 1
μF.
BOARD LAYOUT RECOMMENDATIONS TO IMPROVE PSRR AND NOISE PERFORMANCE
To improve ac performance (such as PSRR, output noise, and transient response), it is recommended that the
printed circuit board (PCB) be designed with separate ground planes for VIN and VOUT, with each ground plane
connected only at the GND pin of the device. In addition, the ground connection for the output capacitor should
connect directly to the GND pin of the device. High ESR capacitors may degrade PSRR.
INTERNAL CURRENT LIMIT
The TPS782xx is internally current-limited to protect the regulator during fault conditions. During current limit, the
output sources a fixed amount of current that is largely independent of output voltage. For reliable operation, the
device should not be operated in a current limit state for extended periods of time.
The PMOS pass element in the TPS782xx series has a built-in body diode that conducts current when the
voltage at OUT exceeds the voltage at IN. This current is not limited, so if extended reverse voltage operation is
anticipated, external limiting to 5% of rated output current may be appropriate.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS78225-Q1 TPS78227-Q1 TPS78228-Q1 TPS78230-Q1


Similar Part No. - TPS78225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS78225-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1 Datasheet
574Kb / 18P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, 1-關A IQ LOW-DROPOUT LINEAR REGULATOR
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
TPS782 TI1-TPS782_16 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782 TI-TPS782 Datasheet
1Mb / 28P
[Old version datasheet]   TPS782 500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783 TI-TPS783_15 Datasheet
931Kb / 24P
[Old version datasheet]   TPS783xx 500-nA IQ, 150-mA, Ultralow Quiescent Current Low-Dropout Linear Regulator
logo
STMicroelectronics
STLQ015 STMICROELECTRONICS-STLQ015_V01 Datasheet
519Kb / 19P
   150 mA, ultra low quiescent current linear voltage regulator
Rev 7 - February 2020
STLQ015XX STMICROELECTRONICS-STLQ015XX Datasheet
386Kb / 17P
   150 mA, ultra-low quiescent current linear voltage regulator
STLQ015 STMICROELECTRONICS-STLQ015 Datasheet
1Mb / 17P
   150 mA, ultra low quiescent current linear voltage regulator
logo
ON Semiconductor
NCP752 ONSEMI-NCP752 Datasheet
1Mb / 21P
   200 mA, Ultra-Low Quiescent Current, IQ 12 A, Ultra-Low Noise, Low Dropout Regulator
April, 2013 ??Rev. 2
logo
Texas Instruments
TPS78218 TI1-TPS78218 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com