Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS55010 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS55010
Description  TPS55010 2.95-V To 6-V Input, 2 W, Isolated DC/DC Converter with Integrated FETs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS55010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS55010_15 Datasheet HTML 2Page - Texas Instruments TPS55010_15 Datasheet HTML 3Page - Texas Instruments TPS55010_15 Datasheet HTML 4Page - Texas Instruments TPS55010_15 Datasheet HTML 5Page - Texas Instruments TPS55010_15 Datasheet HTML 6Page - Texas Instruments TPS55010_15 Datasheet HTML 7Page - Texas Instruments TPS55010_15 Datasheet HTML 8Page - Texas Instruments TPS55010_15 Datasheet HTML 9Page - Texas Instruments TPS55010_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
TPS55010
SLVSAV0B – APRIL 2011 – REVISED OCTOBER 2014
www.ti.com
Electrical Characteristics (continued)
TJ = –40°C TO 150°C, VIN = 2.95V TO 6V (unless otherwise noted)
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
RT/CLK
RT/CLK voltage
R(RT/CLK) = 195 kΩ
0.5
V
RT/CLK high threshold
1.6
2.2
V
RT/CLK low threshold
0.4
0.6
V
BOOT
Boot UVLO
2.5
V
SS Slow Start
Charge current
V(SS) = 0.4 V
0.5
2.2
4
µA
SS to VSENSE matching
V(SS) = 0.4 V
35
mV
SS to reference Crossover
98% reference
1.1
V
SS discharge current (overload)
VSENSE = 0 V
325
µA
SS discharge voltage
VSENSE = 0V
46
mV
SS discharge current (UVLO, EN, thermal fault)
V(SS) = 0.5 V
1.2
mA
VIN UVLO to SS start time
100
µs
FAULT Pin
VSENSE falling
91
% VREF
VSENSE threshold
VSENSE rising
108
% VREF
Output high leakage
VSENSE = VREF, V(FAULT) = 5.5 V
2
nA
Output low
I(FAULT) = 3 mA
0.3
V
Minimum VIN for valid output
V(FAULT) < 0.5 V at 100 µA
1.6
V
7.6 Timing Requirements
MIN
TYP
MAX
UNIT
RT/CLK
Minimum CLK pulse width
75
ns
7.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PH
ton
Minimum on time
Measured at 10% to 10% of VIN
130
ns
toff
Minimum off time
V(BOOT-PH) ≥ 3 V
0%
RT/CLK
Switching frequency using CLK mode
300
2000
kHz
Switching frequency using RT mode
100
2000
kHz
Switching Frequency
R(RT/CLK) = 195 kΩ
400
500
600
kHz
PLL lock in time
50
µs
RT/CLK falling edge to PH rising edge
90
ns
delay
SS Slow Start
VIN UVLO to SS start time
100
µs
6
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: TPS55010


Similar Part No. - TPS55010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55010RTER TI1-TPS55010RTER Datasheet
1Mb / 40P
[Old version datasheet]   2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
TPS55010RTET TI1-TPS55010RTET Datasheet
1Mb / 40P
[Old version datasheet]   2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
More results

Similar Description - TPS55010_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS55010 TI1-TPS55010 Datasheet
1Mb / 40P
[Old version datasheet]   2.95V To 6V Input, 2W, Isolated DC/DC Converter with Integrated FETs
JUNE2011
PT4560 TI-PT4560 Datasheet
243Kb / 10P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT3400 TI-PT3400 Datasheet
284Kb / 13P
[Old version datasheet]   35-W 48-V Input Isolated DC/DC Converter
PT4520 TI-PT4520 Datasheet
214Kb / 10P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT3322A TI-PT3322A Datasheet
184Kb / 9P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4562C TI-PT4562C Datasheet
436Kb / 12P
[Old version datasheet]   30-W 48-V Input Isolated DC/DC Converter
PT4500 TI-PT4500 Datasheet
193Kb / 8P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
SLTS092B TI-SLTS092B Datasheet
178Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
PT4140 TI-PT4140 Datasheet
176Kb / 9P
[Old version datasheet]   20-W 24-V Input Isolated DC/DC Converter
PT4129A TI1-PT4129A Datasheet
171Kb / 9P
[Old version datasheet]   20-W 48-V Input Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com