Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP-3027HA Datasheet(PDF) 4 Page - ON Semiconductor

Part # TCP-3027HA
Description  Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3027HA Datasheet(HTML) 4 Page - ON Semiconductor

  TCP-3027HA Datasheet HTML 1Page - ON Semiconductor TCP-3027HA Datasheet HTML 2Page - ON Semiconductor TCP-3027HA Datasheet HTML 3Page - ON Semiconductor TCP-3027HA Datasheet HTML 4Page - ON Semiconductor TCP-3027HA Datasheet HTML 5Page - ON Semiconductor TCP-3027HA Datasheet HTML 6Page - ON Semiconductor TCP-3027HA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TCP−3027HA
www.onsemi.com
4
Representative performance data at 25
5C for 2.7 pF WLCSP Package
Figure 2. Capacitance
Figure 3. 2nd Harmonic Power
Figure 4. 3rd Harmonic Power
Figure 5. Q
Table 3. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Units
Input Power
+40
dBm
Bias Voltage
+25 (Note 6)
V
Operating Temperature Range
−30 to +85
°C
Storage Temperature Range
−55 to +125
°C
ESD − Human Body Model
Class 1A JEDEC HBM Standard (Note 7)
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
6. WLCSP: Recommended Bias Voltage not to exceed 20 V
7. Class 1A defined as passing 250 V, but may fail after exposure to 500 V ESD pulse


Similar Part No. - TCP-3027HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3027H ONSEMI-TCP-3027H Datasheet
371Kb / 9P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
More results

Similar Description - TCP-3027HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3112H ONSEMI-TCP-3112H Datasheet
227Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com