Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP-3027HA Datasheet(PDF) 7 Page - ON Semiconductor

Part # TCP-3027HA
Description  Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3027HA Datasheet(HTML) 7 Page - ON Semiconductor

  TCP-3027HA Datasheet HTML 1Page - ON Semiconductor TCP-3027HA Datasheet HTML 2Page - ON Semiconductor TCP-3027HA Datasheet HTML 3Page - ON Semiconductor TCP-3027HA Datasheet HTML 4Page - ON Semiconductor TCP-3027HA Datasheet HTML 5Page - ON Semiconductor TCP-3027HA Datasheet HTML 6Page - ON Semiconductor TCP-3027HA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
TCP−3027HA
www.onsemi.com
7
PACKAGE DIMENSIONS
QFN6 1.6x1.2, 0.5P
CASE 485DX
ISSUE O
MOUNTING FOOTPRINT*
DIMENSIONS: MILLIMETERS
0.60
6X
0.30
6X
1.40
0.50
PITCH
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
RECOMMENDED
PACKAGE
OUTLINE
1
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
A
SEATING
PLANE
0.05 C
A1
2X
2X
0.05 C
DIM
A
MIN
MAX
MILLIMETERS
0.90
1.00
A1
0.00
0.05
b
0.22
0.28
D
E
A3
PIN ONE
IDENTIFIER
0.05 C
0.10 C
A
0.10 C
e
b
B
2
A
6X
1
C
0.03 C
1.60 BSC
1.20 BSC
0.15 REF
BOTTOM VIEW
L
6X
L1
−−−
0.15
TOP VIEW
B
SIDE VIEW
A3
D
E
C
e
0.50 BSC
A
DETAIL B
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTIONS
L1
DETAIL A
L
ALTERNATE TERMINAL
CONSTRUCTIONS
L
DETAIL A
L
0.39
0.46
B
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
TCP−3027HA/D
ParaScan is a trademark of Paratek Microwave, Inc.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - TCP-3027HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3027H ONSEMI-TCP-3027H Datasheet
371Kb / 9P
   2.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
More results

Similar Description - TCP-3027HA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3118H ONSEMI-TCP-3118H Datasheet
124Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
   Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3112H ONSEMI-TCP-3112H Datasheet
227Kb / 7P
   Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com