Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8411GR Datasheet(PDF) 1 Page - ON Semiconductor

Part # LV8411GR
Description  4-channel Single-chip Motor Driver IC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8411GR Datasheet(HTML) 1 Page - ON Semiconductor

  LV8411GR Datasheet HTML 1Page - ON Semiconductor LV8411GR Datasheet HTML 2Page - ON Semiconductor LV8411GR Datasheet HTML 3Page - ON Semiconductor LV8411GR Datasheet HTML 4Page - ON Semiconductor LV8411GR Datasheet HTML 5Page - ON Semiconductor LV8411GR Datasheet HTML 6Page - ON Semiconductor LV8411GR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
62012 SY 20120604-S00001/70908 MS PC 20080703-S00001 No.A1250-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
June, 2013
LV8411GR
Overview
The LV8411GR is an H bridge motor driver IC and is able to control 4 modes of forward, reverse, brake, and standby.
This IC housed in a miniature package is optimum for use in a stepping motor driving system for DSC or a camera
module of cell phones.
Features
• Saturation drive H bridge: 4 channels
• Built-in thermal protection circuit
• Built-in low voltage malfunction prevention circuit
• Incorporates a transistor for driving photosensors
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage 1
VM max
6.0
V
Power supply voltage 2
VCC max
6.0
V
Output peak current
IO peak
Channels 1 to 4, t
≤ 10msec, ON-duty ≤ 20%
600
mA
Output continuous current 1
IO max1
Channels 1 to 4
400
mA
Output continuous current 2
IO max2
PI1
30
mA
Allowable power dissipation
Pd max
Mounted on a circuit board*
1.05
W
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified circuit board : 40mm
×50mm×0.8mm : glass epoxy four-layer board
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Bi-CMOS LSI
For DSC, and Cell Phone Camera Modules
4-channel Single-chip Motor Driver IC
Ordering number : ENA1250A
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - LV8411GR

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8411GR SANYO-LV8411GR Datasheet
86Kb / 7P
   Bi-CMOS LSI For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8411GR SANYO-LV8411GR Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8411GR SANYO-LV8411GR_12 Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
More results

Similar Description - LV8411GR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1626 ONSEMI-ENA1626 Datasheet
350Kb / 28P
   Single-chip motor driver IC
June, 2013
logo
Ceramate Technical
CMD5901 CERAMATE-CMD5901 Datasheet
305Kb / 14P
   4-Channel Motor Driver IC
logo
AMtek SEMICONDUCTORS CO...
AM1025EA AMTEK-AM1025EA Datasheet
773Kb / 12P
   Single-channel H-bridge motor driver IC
Feb. 2017 V1.3
logo
Shenzhen Huazhimei Semi...
HM2506MR HMSEMI-HM2506MR Datasheet
629Kb / 6P
   Bidirectional motor driver IC for single-chip CMOS
logo
Sanyo Semicon Device
LV8411GR SANYO-LV8411GR_12 Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
   Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
LV8044LP SANYO-LV8044LP_11 Datasheet
542Kb / 26P
   6-channel Motor Driver IC
logo
ON Semiconductor
LV8044LP ONSEMI-LV8044LP Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
ENA0438F ONSEMI-ENA0438F Datasheet
377Kb / 26P
   6-channel Motor Driver IC
December, 2013
logo
Shenzhen Huazhimei Semi...
HM2570A HMSEMI-HM2570A Datasheet
1Mb / 10P
   Single-channel brushed DC motor driver chip
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com