Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8127T-TLM-H Datasheet(PDF) 9 Page - ON Semiconductor

Part # LV8127T-TLM-H
Description  3-phase Bipolar PWM Drive Pre-Driver IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8127T-TLM-H Datasheet(HTML) 9 Page - ON Semiconductor

Back Button LV8127T-TLM-H Datasheet HTML 5Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 6Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 7Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 8Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 9Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 10Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 11Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 12Page - ON Semiconductor LV8127T-TLM-H Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
LV8127T
http://www.onsemi.com
9
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
8
RFGND
Current sensing Kelvin reference pin.
This pin is connected to the GND side of the current
sense resistor.
This pin should be routed with RF to eliminate voltage
drops in the sensing circuit due to PCB trace resistance.
A dedicated trace should be used between this pin and
the high side of the sense resistor.
8
5k
V5
VCC
9
RF
Current Sensing Kelvin input pin.
This pin is connected to the external current sense
resistor and should be routed closely with RFGND to
eliminate voltage drops in the sensing circuit due to PCB
trace resistance. A dedicated trace should be used
between this pin and the high side of the sense resistor.
9
5k
V5
VCC
10
11
12
VL
UL
WL
. Low side FET drive pins for the three phases.
Duty cycle driven.
VCC
10 11 12
13
16
19
WFG
VFG
UFG
Motor phase voltage monitor pins.
Used by the IC to determine the state of each switch
node.
14 17 20
15 18 21
13 16 19
14
17
20
WOUT
VOUT
UOUT
High side FET drive pins for the three phases.
15
18
21
WH
VH
UH
Drive boost pins for the three phases.
Used as the high side gate voltage source.
Attached to a simple diode-capacitor boost circuit.
25
GND2
Ground pin
Ground pin
Continued on next page.


Similar Part No. - LV8127T-TLM-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8121V SANYO-LV8121V Datasheet
230Kb / 14P
   For Fan Motor 3-phase Brushless Motor Driver
logo
ON Semiconductor
LV8121V ONSEMI-LV8121V Datasheet
229Kb / 14P
   3-phase Brushless Motor Driver
May, 2013
More results

Similar Description - LV8127T-TLM-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8139JA ONSEMI-LV8139JA Datasheet
236Kb / 18P
   Sine wave PWM Drive, Pre driver IC
May, 2013
LV8139JA ONSEMI-LV8139JA_16 Datasheet
260Kb / 19P
   Sine wave PWM Drive, Pre drive IC,
April 2016- Rev. 1
logo
Sanyo Semicon Device
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
logo
Asahi Kasei Microsystem...
AP1050 AKM-AP1050 Datasheet
231Kb / 4P
   Pre-Driver IC for 3-Phase Brushless Motor
logo
ON Semiconductor
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Sanyo Semicon Device
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
logo
Rohm
BD63002MUV ROHM-BD63002MUV Datasheet
982Kb / 24P
   3-phase brushless motor pre-driver
BD63000MUV ROHM-BD63000MUV Datasheet
619Kb / 17P
   3-phase brushless motor pre-driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com