Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAI-11002-ABA-CR-B1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAI-11002-ABA-CR-B1
Description  Interline CCD Image Sensor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-11002-ABA-CR-B1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAI-11002-ABA-CR-B1 Datasheet HTML 6Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 7Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 8Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 9Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 10Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 11Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 12Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 13Page - ON Semiconductor KAI-11002-ABA-CR-B1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
KAI−11002
www.onsemi.com
10
IMAGING PERFORMANCE
Table 5. IMAGING PERFORMANCE OPERATIONAL CONDITIONS
(Unless otherwise noted, the Imaging Performance Specifications are measured using the following conditions.)
Description
Condition
Notes
Frame Time
1,732 ms
1
Horizontal Clock Frequency
10 MHz
Light Source
Continuous Red, Green and Blue LED Illumination Centered at 450, 530 and 650 nm
2, 3
Operation
Nominal Operating Voltages and Timing
1. Electronic shutter is not used. Integration time equals frame time.
2. LEDs used: Blue: Nichia NLPB500, Green: Nichia NSPG500S and Red: HP HLMP−8115.
3. For monochrome sensor, only green LED used.
Specifications
Table 6. PERFORMANCE SPECIFICATIONS
Description
Symbol
Min.
Nom.
Max.
Unit
Sample
Plan
Temperature
Tested at
(
5C)
ALL CONFIGURATIONS
Maximum Photoresponse
Non-Linearity (Notes 2, 3)
NL
N/A
2
%
Design
Maximum Gain Difference between
Outputs (Notes 2, 3)
DG
N/A
10
%
Design
Max. Signal Error due to Non-Linearity
Dif. (Notes 2, 3)
DNL
N/A
1
%
Design
Horizontal CCD Charge Capacity
HNe
139
ke
Design
Vertical CCD Charge Capacity
VNe
90
91
ke
Die
Photodiode CCD Charge Capacity
PNe
58
60
ke
Die
Horizontal CCD Charge Transfer
Efficiency
HCTE
0.99999
N/A
Design
Vertical CCD Charge Transfer
Efficiency
VCTE
0.99999
N/A
Design
Photodiode Dark Current
IPD
N/A
N/A
800
0.15
e/p/s
nA/cm2
Die
27, 40
Vertical CCD Dark Current
IVD
N/A
N/A
3,800
0.5
e/p/s
nA/cm2
Die
27, 40
Image Lag
Lag
N/A
< 10
50
e
Design
Anti-Blooming Factor
XAB
100
300
N/A
Design
Vertical Smear
Smr
N/A
−85
−75
dB
Design
Total Noise (Note 4)
ne−T
30
erms
Design
Dynamic Range (Note 5)
DR
66
dB
Design
Output Amplifier DC Offset
VODC
4
9
14
V
Die
Output Amplifier Bandwidth (Note 6)
f−3dB
106
MHz
Die
Output Amplifier Impedance
ROUT
100
150
200
W
Die
Output Amplifier Sensitivity
DV/DN
13
mV/e
Design


Similar Part No. - KAI-11002-ABA-CR-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-11002-ABA-CR-B1 ONSEMI-KAI-11002-ABA-CR-B1 Datasheet
714Kb / 34P
   Interline CCD Image Sensor
February, 2016 ??Rev. 5
More results

Similar Description - KAI-11002-ABA-CR-B1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAI-02050 ONSEMI-KAI-02050 Datasheet
1Mb / 41P
   Interline CCD Image Sensor
August, 2015 ??Rev. 8
KAI-08050 ONSEMI-KAI-08050 Datasheet
703Kb / 31P
   Interline CCD Image Sensor
March, 2015 ??Rev. 7
KAI-01050 ONSEMI-KAI-01050 Datasheet
689Kb / 32P
   Interline CCD Image Sensor
July, 2015 ??Rev. 5
KAI-01150 ONSEMI-KAI-01150 Datasheet
952Kb / 36P
   Interline CCD Image Sensor
August, 2015 ??Rev. 5
KAI-04050 ONSEMI-KAI-04050_17 Datasheet
1Mb / 38P
   Interline CCD Image Sensor
February, 2017 ??Rev. 6
KAI-1010 ONSEMI-KAI-1010 Datasheet
308Kb / 27P
   Interline CCD Image Sensor
May, 2015 ??Rev. 2
KAI-2020 ONSEMI-KAI-2020 Datasheet
853Kb / 37P
   Interline CCD Image Sensor
October, 2015 ??Rev. 3
KAI-08670 ONSEMI-KAI-08670 Datasheet
1Mb / 52P
   INTERLINE CCD IMAGE SENSOR
March, 2015 ??Rev. 2
KAE-02150 ONSEMI-KAE-02150 Datasheet
1Mb / 52P
   Interline CCD Image Sensor
September, 2017 ??Rev. 5
KAE-02152 ONSEMI-KAE-02152 Datasheet
2Mb / 58P
   Interline CCD Image Sensor
October, 2017 ??Rev. P2
KAI-16070 ONSEMI-KAI-16070_16 Datasheet
1Mb / 49P
   Interline CCD Image Sensor
November, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com