Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB8111V Datasheet(PDF) 1 Page - ON Semiconductor

Part # LB8111V
Description  3-phase Brushless Motor Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB8111V Datasheet(HTML) 1 Page - ON Semiconductor

  LB8111V Datasheet HTML 1Page - ON Semiconductor LB8111V Datasheet HTML 2Page - ON Semiconductor LB8111V Datasheet HTML 3Page - ON Semiconductor LB8111V Datasheet HTML 4Page - ON Semiconductor LB8111V Datasheet HTML 5Page - ON Semiconductor LB8111V Datasheet HTML 6Page - ON Semiconductor LB8111V Datasheet HTML 7Page - ON Semiconductor LB8111V Datasheet HTML 8Page - ON Semiconductor LB8111V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
82514HK/31412SY 20120224-S00003/O1409SY/60309MS/22509MS No.A1416-1/15
http://onsemi.com
Semiconductor Components Industries, LLC, 2014
August, 2014
ORDERING INFORMATION
See detailed ordering and shipping information on page 15 of this data sheet.
LV8111V
Overview
The LV8111V is a 3-phase brushless motor driver for polygon mirror
motor driving of LBP.
A circuit needed to drive of polygon mirror motor can be composed of
a single-chip. Also, the output transistor is made DMOS by using
BiDC process, and by adopting the synchronous rectification method,
the lower power consumption (Heat generation) is achieved.
Features
3-phase bipolar drive
Full complement of on-chip protection circuits, including lock
protection, current limiter, under-voltage protection, and thermal
shutdown protection circuits
Direct PWM drive + synchronous rectification
IO max1 = 2.5A
IO max1 = 3.0A (t  0.1ms)
Circuit to switch slowing down method while stopped
(Free run or Short-circuit brake)
Output current control circuit
PLL speed control circuit
Constraint protection detection signal switching circuit (FG or LD)
Phase lock detection output
Forward / Reverse switching circuit
(with mask function)
Hall bias pin (Bias current cut in a stopped state)
Compatible with Hall FG
SDCC (Speed Detection Current Control) function
Provides a 5V regulator output
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
VCC pin
37
V
VG max
VG pin
42
V
Output current
IO max1
*1
2.5
A
IO max2
t
 0.1ms *1
3.0
A
Allowable Power dissipation
Pd max
Mounted on a specified board *2
1.7
W
Operation temperature
Topr
-25 to +80
C
Storage temperature
Tstg
-55 to +150
C
Junction temperature
Tj max
150
C
*1. Tj max = 150
C must not be exceeded.
*2. Specified board: 114.3mm × 76.1mm × 1.6mm, glass epoxy board.
Caution 1) Absolute maximum ratings represent the value which cannot be exceeded for any length of time.
Caution 2) Even when the device is used within the range of absolute maximum ratings, as a result of continuous usage under high temperature, high current,
high voltage, or drastic temperature change, the reliability of the IC may be degraded. Please contact us for the further details.
Bi-CMOS LSI
3-phase Brushless Motor Driver
for Polygon Mirror Motor
Ordering number : ENA1416D
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
SSOP44K(275mil) Exposed Pad


Similar Part No. - LB8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8111V SANYO-LB8111V Datasheet
112Kb / 7P
   8mm VTR Sensor Amplifier
More results

Similar Description - LB8111V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
LB1687 SANYO-LB1687 Datasheet
86Kb / 4P
   3-Phase Brushless Motor Driver???
logo
ON Semiconductor
LB1927 ONSEMI-LB1927 Datasheet
271Kb / 11P
   3-phase Brushless Motor Driver
May, 2013
LV8112VB ONSEMI-LV8112VB Datasheet
206Kb / 15P
   3-phase Brushless Motor Driver
November 2014 - Rev. 1
logo
Sanyo Semicon Device
LB1687M SANYO-LB1687M Datasheet
101Kb / 5P
   3-Phase Brushless Motor Driver???
LB1619M SANYO-LB1619M Datasheet
141Kb / 6P
   3-Phase Brushless Motor Driver
LB1688 SANYO-LB1688 Datasheet
96Kb / 4P
   3-Phase Brushless Motor Driver????
LB1851M SANYO-LB1851M Datasheet
141Kb / 6P
   3-phase Brushless Motor Driver?
LB1980JH SANYO-LB1980JH Datasheet
106Kb / 7P
   3-Phase Brushless Motor Driver
logo
Renesas Technology Corp
M56733AFP RENESAS-M56733AFP Datasheet
186Kb / 7P
   3-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com