Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-8300-AXC-CD-AA Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAF-8300-AXC-CD-AA
Description  Full Frame CCD Image Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-8300-AXC-CD-AA Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAF-8300-AXC-CD-AA Datasheet HTML 2Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 3Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 4Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 5Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 6Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 7Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 8Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 9Page - ON Semiconductor KAF-8300-AXC-CD-AA Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
KAF−8300
www.onsemi.com
6
Figure 4. Output Architecture (Left of Right)
HCCD
Charge
Transfer
Source
Follower
#1
Source
Follower
#2
Source
Follower
#3
Floating
Diffusion
H2
VDD
VOUT
H1
H1L
OG
RG
RD
VSS
Output Load
Figure 5. Recommended Output Structure Load Diagram
Buffered Video Output
2N3904 or Equivalent
0.1
mF
680
W
130
W
VOUT
VDD = 15 V
IOUT = | 5.4 mA |
NOTE: Component values may be revised based on operating conditions and other design considerations.


Similar Part No. - KAF-8300-AXC-CD-AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-8300-AXC-CD-AA ONSEMI-KAF-8300-AXC-CD-AA Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
More results

Similar Description - KAF-8300-AXC-CD-AA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com