Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148UB Datasheet(PDF) 11 Page - Microsemi Corporation

Part # 1N4148UB
Description  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148UB Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button 1N4148UB Datasheet HTML 7Page - Microsemi Corporation 1N4148UB Datasheet HTML 8Page - Microsemi Corporation 1N4148UB Datasheet HTML 9Page - Microsemi Corporation 1N4148UB Datasheet HTML 10Page - Microsemi Corporation 1N4148UB Datasheet HTML 11Page - Microsemi Corporation 1N4148UB Datasheet HTML 12Page - Microsemi Corporation 1N4148UB Datasheet HTML 13Page - Microsemi Corporation 1N4148UB Datasheet HTML 14Page - Microsemi Corporation 1N4148UB Datasheet HTML 15Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MIL-PRF-19500/116L
11
4.5.3 Forward recovery voltage and time. Forward recovery time shall be measured as the time interval between
zero time and the point where the pulse has decreased to 110 percent of the steady-state value of VF when
IF = 50 mA dc. The maximum rise time of the response detector shall be 1 ns.
4.5.4 Decap internal visual scribe and break (not applicable to UB package). Scratch glass at cavity area with
diamond scribe. Carefully snap open. Using 30X magnification examine the area where die was in contact with the
plugs, verify footprint for minimum of 15 percent metallurgical bonding area. In addition, a cross sectional view may
be used to verify consistency of construction. A cross sectional view shall be used exclusively for construction
verification and shall not be used to verify bond integrity. The UB package shall employ the manufacturers’ normal
delidding procedures.
4.5.5 Thermal impedance (Z6JX measurements). Thermal impedance measurements shall be in accordance
method 3101 MIL-STD-750, and as follows.
a.
I
H = 300 mA to 500 mA.
b.
t
H = 10 ms.
c.
I
M = 1 mA to 10 mA.
d.
t
MD = 70 2s maximum.
The maximum limit for Z6JX under these test conditions is Z6
JX = 70GC/W.
4.5.5.1 For initial qualification or requalification. Read and record data (Z6JX) shall be supplied to the qualifying
activity on one lot (random sample of 500 devices minimum) prior to shipment. Twenty two samples shall be
serialized and provided to the qualifying activity for test correlation.
4.5.6 Thermal resistance. Thermal resistance measurement shall be in accordance with method 3101
MIL-STD-750, or method 4081 of MIL-STD-750. Forced moving air or draft shall not be permitted across the device
during test. The maximum limit for R6JL under these test conditions shall be as shown in group B of 4.4.2.1 and
group E of table II. The following conditions shall apply when using method 3101:
a.
I
H - - - - - - - - - - - - - - - - - - - - - - - - - - - 75 mA to 300 mA.
b.
t
H - - - - - - - - - - - - - - - - - - - - - - - - - - - 25 seconds minimum.
c.
I
M - - - - - - - - - - - - - - - - - - - - - - - - - - - 1 mA to 10 mA.
d.
t
MD - - - - - - - - - - - - - - - - - - - - - - - - - - 70 2s maximum.


Similar Part No. - 1N4148UB

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N4148UR-1 CDI-DIODE-1N4148UR-1 Datasheet
33Kb / 2P
   SWITCHING DIODE
logo
Microsemi Corporation
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
63Kb / 1P
   MINI-MELF-SMD Silicon Diode
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
50Kb / 2P
   SWITCHING DIODE
1N4148UR-1 MICROSEMI-1N4148UR-1 Datasheet
85Kb / 1P
   SWITCHING DIODE
logo
M/A-COM Technology Solu...
1N4148UR-1 MA-COM-1N4148UR-1 Datasheet
601Kb / 3P
   Hermetically Sealed
More results

Similar Description - 1N4148UB

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com