Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-16801 Datasheet(PDF) 10 Page - ON Semiconductor

Part # KAF-16801
Description  Full Frame CCD Image Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-16801 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button KAF-16801 Datasheet HTML 6Page - ON Semiconductor KAF-16801 Datasheet HTML 7Page - ON Semiconductor KAF-16801 Datasheet HTML 8Page - ON Semiconductor KAF-16801 Datasheet HTML 9Page - ON Semiconductor KAF-16801 Datasheet HTML 10Page - ON Semiconductor KAF-16801 Datasheet HTML 11Page - ON Semiconductor KAF-16801 Datasheet HTML 12Page - ON Semiconductor KAF-16801 Datasheet HTML 13Page - ON Semiconductor KAF-16801 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
KAF−16801
www.onsemi.com
10
TIMING
Table 10. REQUIREMENTS AND CHARACTERISTICS
Description
Symbol
Minimum
Nominal
Maximum
Units
Notes
fH1, fH2 Clock Frequency
fH
8
15
MHz
1, 2, 3
fV1, fV2 Clock Frequency
FV
25
25
MHz
1, 2, 3
Pixel Period (1 Count)
te
67
125
ns
fH1, fH2 Set-up Time
tfHS
0.5
1
ms
fV1, fV2 Clock Pulse Width
tfV
40
40
ms
2
fV1, fV2 Clock Pulse Overlap
tOVRLP
20
20
ms
Reset Clock Width
tfR
10
20
ns
4
Readout Time
tREADOUT
1,398
2,390
ms
5
Integration Time
tINT
6
Line Time
tLINE
338.7
580
ms
7
1. 50% duty cycle values.
2. CTE may degrade above the nominal frequency.
3. Rise and fall times (10/90% levels) should be limited to 5−10% of clock period. Cross-over of register clocks should be between 40−60%
of amplitude.
4.
fR should be clocked continuously.
5. tREADOUT = (4128 ⋅ tLINE)
6. Integration time is user specified. Longer integration times will degrade noise performance.
7. tLINE = (2 ⋅ tfV ) − tOVRLP + tfHS + (4145 ⋅ te) + te.
Frame Timing
Figure 7. Frame Timing Diagram
tREADOUT
tINT
1 Frame = 4128 Lines
4128
4127
2
1
Line
fV1
fV2
fH1
fH2


Similar Part No. - KAF-16801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-16801 ONSEMI-KAF-16801 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-AE ONSEMI-KAF-16801-AAA-DP-AE Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B1 ONSEMI-KAF-16801-AAA-DP-B1 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B2 ONSEMI-KAF-16801-AAA-DP-B2 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results

Similar Description - KAF-16801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com