Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAF-16801 Datasheet(PDF) 6 Page - ON Semiconductor

Part # KAF-16801
Description  Full Frame CCD Image Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAF-16801 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button KAF-16801 Datasheet HTML 2Page - ON Semiconductor KAF-16801 Datasheet HTML 3Page - ON Semiconductor KAF-16801 Datasheet HTML 4Page - ON Semiconductor KAF-16801 Datasheet HTML 5Page - ON Semiconductor KAF-16801 Datasheet HTML 6Page - ON Semiconductor KAF-16801 Datasheet HTML 7Page - ON Semiconductor KAF-16801 Datasheet HTML 8Page - ON Semiconductor KAF-16801 Datasheet HTML 9Page - ON Semiconductor KAF-16801 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
KAF−16801
www.onsemi.com
6
IMAGING PERFORMANCE
Table 5. TYPICAL OPERATIONAL CONDITIONS
(All values measured at 25
°C, and nominal operating conditions. These parameters exclude defective pixels.)
Description
Symbol
Min.
Nom.
Max.
Units
Notes
Verification
Plan
Saturation Signal
Vertical CCD Capacity
Horizontal CCD Capacity
Output Node Capacity
NSAT
90,000
100,000
200,000
180,000
100,000
250,000
e/pix
1
Design12
Photoresponse Non-Linearity
PRNL
1
2
%
2
Design12
Photoresponse Non-Uniformity
PRNU
1
3
%
3, 10
Die11
Dark Signal
JDARK
18
3.5
50
10
e/pix/sec
pA/cm2
4
Die11
Dark Signal Doubling Temperature
5
6.3
7.5
°C
Design12
Dark Signal Non-Uniformity
DSNU
18
50
e/pix/sec
5, 10
Die11
Dynamic Range
DR
73
76
dB
6
Design12
Charge Transfer Efficiency
CTE
0.99997
0.99999
Die11
Output Amplifier DC Offset
VODC
VRD − 3.0
VRD − 2.5
VRD − 2.0
V
7
Die11
Output Amplifier Bandwidth
f−3dB
140
MHz
8
Design12
Output Amplifier Sensitivity
VOUT/Ne−
12.5
13
14
mV/e
Design12
Output Amplifier Output Impedance
ZOUT
130
W
Design12
Noise Floor
ne−
15
20
electrons
9
Die11
1. For pixel binning applications, electron capacity up to 270,000 can be achieved with modified CCD inputs. Each sensor may have to be
optimized individually for these applications. Some performance parameters may be compromised to achieve the largest signals.
2. Worst case deviation from straight line fit, between 1% and 90% of VSAT.
3. One Sigma deviation of a 128
× 128 sample when CCD illuminated uniformly.
4. Average of all pixels with no illumination at 25
°C.
5. Average dark signal of any of 32
× 32 blocks within the sensor (each block is 128 × 128 pixels).
6. 20log (NSAT / ne−) at nominal operating frequency and 25°C.
7. Video level offset with respect to ground.
8. Assumes 10 pF off-chip load.
9. Output amplifier noise at 25
°C, operating at pixel frequency up to 2 MHz, bandwidth = 20 MHz, tINT = 0, and no dark current shot noise.
10. Specification excludes region [1, 1, 400, 400]. See Dark Current Non-uniformity.
11. A parameter that is measured on every sensor during production testing.
12. A parameter that is quantified during the design verification activity.


Similar Part No. - KAF-16801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-16801 ONSEMI-KAF-16801 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-AE ONSEMI-KAF-16801-AAA-DP-AE Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B1 ONSEMI-KAF-16801-AAA-DP-B1 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801-AAA-DP-B2 ONSEMI-KAF-16801-AAA-DP-B2 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results

Similar Description - KAF-16801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
   Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
   FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
logo
NXP Semiconductors
FTF3020-M PHILIPS-FTF3020-M Datasheet
224Kb / 16P
   Full Frame CCD Image Sensor
1999 November 22
logo
ON Semiconductor
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
   Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
   FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
   Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
   FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
   Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com