Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5304GDWR32G Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5304GDWR32G
Description  Three-Phase Buck Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5304GDWR32G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5304GDWR32G Datasheet HTML 7Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 8Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 9Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 10Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 11Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 12Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 13Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 14Page - ON Semiconductor CS5304GDWR32G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
CS5304
http://onsemi.com
11
TYPICAL PERFORMANCE CHARACTERISTICS
10
20
70
30
40
50
60
RROSC Value, kW
Figure 3. Oscillator Frequency
900
800
700
600
500
400
300
200
100
Figure 4. VFB Bias Current vs. RROSC Value
8
Load Capacitance, nF
Figure 5. Gate(H) Rise−time vs. Load Capacitance
measured from 1.0 V to 4.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 6. Gate(H) Fall−time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 7. Gate(L) Rise−time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
8
Load Capacitance, nF
Figure 8. Gate(L) Fall−time vs. Load Capacitance
measured from 4.0 V to 1.0 V with VCC at 5.0 V.
0
60
40
80
20
10
12
14
24
6
0
100
120
16
50
RROSC Value, kW
0
20
15
25
10
60
70
80
20
30
40
10
5


Similar Part No. - CS5304GDWR32G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5301 ONSEMI-CS5301 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301 ONSEMI-CS5301 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
CS5301GDW32 ONSEMI-CS5301GDW32 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
CS5301GDWR32 ONSEMI-CS5301GDWR32 Datasheet
165Kb / 20P
   Three-Phase Buck Controller with Integrated Gate Drivers and Power Good
October, 2002 ??Rev. 11
More results

Similar Description - CS5304GDWR32G

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
   Compact Three-Phase Synchronous-Rectified Buck Controller
logo
ON Semiconductor
NCP5314 ONSEMI-NCP5314 Datasheet
325Kb / 28P
   Two/Three/Four-Phase Buck CPU Controller
September, 2004 ??Rev. 9
CS5323-D ONSEMI-CS5323-D Datasheet
143Kb / 16P
   Three-Phase Buck Controller with 5-Bit DAC
August, 2002 ??Rev. 6
NCP81274 ONSEMI-NCP81274_17 Datasheet
214Kb / 26P
   Phase Buck Controller
June, 2017 ??Rev. 14
NCP81276 ONSEMI-NCP81276 Datasheet
203Kb / 25P
   Phase Buck Controller
September, 2017 ??Rev. 10
NCP81274 ONSEMI-NCP81274 Datasheet
250Kb / 26P
   Phase Buck Controller
September, 2016 ??Rev. 11
logo
celduc-relais
SGTA4653 CELDUC-SGTA4653 Datasheet
325Kb / 5P
   THREE PHASE ANGLE CONTROLLER
SGTA4650 CELDUC-SGTA4650 Datasheet
328Kb / 5P
   THREE PHASE ANGLE CONTROLLER
SGTA4654 CELDUC-SGTA4654 Datasheet
327Kb / 5P
   THREE PHASE ANGLE CONTROLLER
SGTA4651 CELDUC-SGTA4651 Datasheet
324Kb / 5P
   THREE PHASE ANGLE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com