Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148-1 Datasheet(PDF) 7 Page - Microsemi Corporation

Part # 1N4148-1
Description  PERFORMANCE SPECIFICATION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N4148-1 Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button 1N4148-1 Datasheet HTML 3Page - Microsemi Corporation 1N4148-1 Datasheet HTML 4Page - Microsemi Corporation 1N4148-1 Datasheet HTML 5Page - Microsemi Corporation 1N4148-1 Datasheet HTML 6Page - Microsemi Corporation 1N4148-1 Datasheet HTML 7Page - Microsemi Corporation 1N4148-1 Datasheet HTML 8Page - Microsemi Corporation 1N4148-1 Datasheet HTML 9Page - Microsemi Corporation 1N4148-1 Datasheet HTML 10Page - Microsemi Corporation 1N4148-1 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MIL-PRF-19500/116L
7
Dimensions
Ltr
Inches
Millimeters
Min
Max
Min
Max
A
.0059
.0061
.150
.155
B
.0130
.0170
.330
.430
NOTES:
1.
Dimensions are in inches.
2.
Metric equivalents are given for general information only.
3.
Element evaluation accomplished utilizing TO-5 package.
4.
The physical characteristics of the die are:
Metallization:
Top (anode): Al.
Back (cathode): Au.
Al thickness: 25,000 Å minimum.
Gold thickness: 4,000 Å minimum.
Chip thickness: .010 inches (.25 mm)
H.002 inches (.05 mm).
FIGURE 5. Physical dimensions, JANHCA and JANKCA die.


Similar Part No. - 1N4148-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4148-1 MICROSEMI-1N4148-1 Datasheet
476Kb / 1P
   Silicon Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
41Kb / 2P
   SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
94Kb / 1P
   SWITCHING DIODE
1N4148-1 MICROSEMI-1N4148-1 Datasheet
325Kb / 4P
   Glass Axial Switching Diode
1N4148-1 MICROSEMI-1N4148-1 Datasheet
326Kb / 4P
   Glass Axial Switching Diode
More results

Similar Description - 1N4148-1

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD2920P075TF-60 LEIDITECH-SMD2920P075TF-60 Datasheet
705Kb / 4P
   Performance Specification
SMD0805P050TF-12 LEIDITECH-SMD0805P050TF-12 Datasheet
802Kb / 4P
   Performance Specification
SMD2920P400TF LEIDITECH-SMD2920P400TF Datasheet
661Kb / 4P
   Performance Specification
logo
Macronix International
MX25L6435EMI-10G MCNIX-MX25L6435EMI-10G Datasheet
1Mb / 75P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM2 MCNIX-MX25L6445EM2 Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12835EMI-10G MCNIX-MX25L12835EMI-10G Datasheet
1Mb / 87P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L12855EMI-10G MCNIX-MX25L12855EMI-10G Datasheet
2Mb / 81P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6445EM MCNIX-MX25L6445EM Datasheet
2Mb / 72P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
MX25L6455EMI-10G MCNIX-MX25L6455EMI-10G Datasheet
3Mb / 71P
   HIGH PERFORMANCE SERIAL FLASH SPECIFICATION
logo
Tyco Electronics
108-5246 MACOM-108-5246 Datasheet
305Kb / 21P
   This specification covers the requirements for product performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com