Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219AL Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 2N2219AL
Description  Small Signal Switching Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

   
 1 page
background image
© Semiconductor Components Industries, LLC, 2012
August, 2012 − Rev. 1
1
Publication Order Number:
2N2219/D
2N2219, 2N2219A,
2N2219AL
Small Signal Switching
Transistor
NPN Silicon
Features
MIL−PRF−19500/251Qualified
Available as JAN, JANTX, and JANTXV
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
50
Vdc
Collector−Base Voltage
VCBO
75
Vdc
Emitter−Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
800
mAdc
Total Power Dissipation @ TA = 25°C
PT
0.8
W
Total Power Dissipation @ TC = 25°C
PT
3.0
W
Operating and Storage Junction
Temperature Range
TJ, Tstg
−65 to
+200
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Case
RqJC
50
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
http://onsemi.com
COLLECTOR
3
2
BASE
1
EMITTER
Device
Package
Shipping
ORDERING INFORMATION
JAN2N2219/A
JANTX2N2219/A
TO−39
Bulk
JANTXV2N2219/A
TO−5
CASE 205AA
(2N2219AL)
TO−39
CASE 205AB
(2N2219, 2N2219A)
JAN2N2219AL
JANTX2N2219AL
TO−5
Bulk
JANTXV2N2219AL




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl