Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM25115A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115A
Description  LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115A Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM25115A Datasheet HTML 4Page - Texas Instruments LM25115A Datasheet HTML 5Page - Texas Instruments LM25115A Datasheet HTML 6Page - Texas Instruments LM25115A Datasheet HTML 7Page - Texas Instruments LM25115A Datasheet HTML 8Page - Texas Instruments LM25115A Datasheet HTML 9Page - Texas Instruments LM25115A Datasheet HTML 10Page - Texas Instruments LM25115A Datasheet HTML 11Page - Texas Instruments LM25115A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
5
10 15 20 25 30 35 40 45 50
0
1
2
3
4
5
6
7
8
ICC (mA)
-17.8 -17.6 -17.4 -17.2 -17 -16.8 -16.6 -16.4 -16.2
VCL (mV)
0
2
4
6
8
10
12
125
oC
0
10
20
30
40
50
0
2
4
6
8
10
12
14
VCL (mV)
27
oC
-40
oC
CV (V)
1.96 1.98
2
2.02 2.04 2.06 2.08
2.1
-300
-200
-100
0
100
200
300
VOUT = 6V
5.9 mA/V
30 32
48
0
100
200
300
400
500
600
700
VCS - VOUT (mV)
34
36
38
40
42
44
46
VOUT = 0V
88 mA/V
99 mA/V
VOUT = 6V
LM25115A
SNVS501B – FEBRUARY 2007 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Current Error Amplifier Transconductance
Overall Current Amplifier Transconductance
Figure 7.
Figure 8.
Common Mode Output Voltage
Common Mode Output Voltage
vs.
vs.
Positive Current Limit
Negative Current Limit (Room Temp)
Figure 9.
Figure 10.
VCC Load Regulation to Current Limit
Figure 11.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25115A


Similar Part No. - LM25115A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
LM25115AMT NSC-LM25115AMT Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
LM25115AMTX NSC-LM25115AMTX Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
More results

Similar Description - LM25115A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM25115A NSC-LM25115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
logo
Texas Instruments
LM5115A TI1-LM5115A_14 Datasheet
947Kb / 24P
[Old version datasheet]   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
logo
National Semiconductor ...
LM5115A NSC-LM5115A Datasheet
403Kb / 20P
   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down Tracking
logo
Texas Instruments
LM5115A TI-LM5115A_15 Datasheet
917Kb / 26P
[Old version datasheet]   Secondary Side Post Regulator/DC-DC Converter with Power-up/Power-down
logo
Cherry Semiconductor Co...
CS5101 CHERRY-CS5101 Datasheet
153Kb / 7P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
logo
ON Semiconductor
CS5101 ONSEMI-CS5101 Datasheet
142Kb / 9P
   Secondary Side Post Regulator for AC/DC and DC/DC Multiple Output Converters
October, 2006 ??Rev. 6
logo
Texas Instruments
UC1584 TI-UC1584 Datasheet
153Kb / 7P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
UC1584 TI1-UC1584_08 Datasheet
179Kb / 8P
[Old version datasheet]   Secondary Side Synchronous Post Regulator
logo
National Semiconductor ...
LM25115 NSC-LM25115 Datasheet
724Kb / 17P
   Secondary Side Post Regulator Controller
logo
Linear Technology
LT3710 LINER-LT3710 Datasheet
226Kb / 12P
   Secondary Side Synchronous Post Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com