Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F12-1000-C2 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # F12-1000-C2
Description  CLASS 2 TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

F12-1000-C2 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  F12-1000-C2 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLASS 2 TRANSFORMER
www.TriadMagnetics.com
Phone: (951) 277-0757
Fax: (951) 277-2757
460 Harley Knox Blvd.
Perris, CA
92571
Publish Date: December 4, 2013
F12-1000-C2
Description:
The F12-1000-C2 is a single primary and dual secondary, split bobbin design which
operates with an input of 115V.
The secondaries are 6.3V @ 1.0A each.
They can
be used independently (up to 300V difference between them) or in series for double
the voltage or in parallel for double the current.
The split bobbin design eliminates
the need for costly electrostatic shielding.
Electrical Specifications (@25C)
1. Maximum Power: 12.0VA
2. Primary: 115V
3. Secondaries: 6.3V @ 1.0A each
4. Voltage Regulation: 25% TYP @ full load to no load
5. Temperature Rise: 25C TYP
6. Hipot tested 100% at 4200 VRMS pri to sec
7. Hipot tested 100% at 2160 VRMS sec to sec
8. Recommended fuse (fuse on primary): Cooper/Bussman, Type MDL, rated
500mA, 250V
Construction:
Three flange bobbin construction with primaries and secondaries wound side by
side for low capacitive coupling.
UL Class F Insulation System (155°C).
Agency File:
UL: File E65390, UL 5085-1 & 3 (1585), Class 2 Transformer
cUL: File E65390, UL 5085-1 & 3 (1585) For Canadian Use (CSA 22.2, No.66.3-06)
Dimensions:
Units in inches.
H
W
L
A
B
C
D
E
F
1.437
1.562
1.875
0.300
0.400
1.410
0.041
0.020
0.234
Weight: 0.70 lbs
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products
meet the requirements of 2011/65/EU, known as the RoHS initiative.
Note: Order and shipping documentation may have a “-B” suffix; this indicates Bulk
packaging but does not show on the actual part number marked on the transformer.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.
1
4
L
H
W
E
A
B
A
C
0.06" DIAMETER
HOLE
D
F
1
58
4
Board Layout
5
6.3V @ 1.0A
6
7
8
6.3V @ 1.0A
115V
50/60 Hz
1
4


Similar Part No. - F12-1000-C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F12-1000 ETC2-F12-1000 Datasheet
136Kb / 2P
   Power Transformers
logo
TRIAD MAGNETICS
F12-1000 TRIAD-F12-1000 Datasheet
89Kb / 1P
   PC MOUNT : SPLIT PACK
More results

Similar Description - F12-1000-C2

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F10-3600-C2 TRIAD-F10-3600-C2 Datasheet
48Kb / 1P
   CLASS 2 TRANSFORMER
F10-2000-C2 TRIAD-F10-2000-C2 Datasheet
48Kb / 1P
   CLASS 2 TRANSFORMER
F10-110-C2 TRIAD-F10-110-C2 Datasheet
47Kb / 1P
   CLASS 2 TRANSFORMER
FS12-090-C2-B TRIAD-FS12-090-C2-B Datasheet
181Kb / 1P
   CLASS 2 TRANSFORMER
FS12-1000-C2-B TRIAD-FS12-1000-C2-B Datasheet
181Kb / 1P
   CLASS 2 TRANSFORMER
F12-090-C2 TRIAD-F12-090-C2 Datasheet
34Kb / 1P
   CLASS 2 TRANSFORMER
F12-2850-C2 TRIAD-F12-2850-C2 Datasheet
432Kb / 1P
   CLASS 2 TRANSFORMER
F28-85-C2 TRIAD-F28-85-C2 Datasheet
47Kb / 1P
   CLASS 2 TRANSFORMER
FS10-1200-C2 TRIAD-FS10-1200-C2 Datasheet
56Kb / 1P
   CLASS 2 TRANSFORMER
F16-070-C2 TRIAD-F16-070-C2 Datasheet
49Kb / 1P
   CLASS 2 TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com