Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C10988MA-01 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C10988MA-01
Description  Mini-spectrometers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C10988MA-01 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C10988MA-01_15 Datasheet HTML 1Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 2Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 3Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 4Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 5Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 6Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 7Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 8Page - Hamamatsu Corporation C10988MA-01_15 Datasheet HTML 9Page - Hamamatsu Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Mini-spectrometers
MS series
C10988MA-01, C11708MA
5
CMOS image sensor
Recommended terminal voltage
Electrical characteristics
Electrical and optical characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
Vdd
4.75
5
5.25
V
Gain selection terminal voltage
High gain
Gain
0
-
0.4
V
Low gain
Vdd - 0.25
Vdd
Vdd + 0.25
V
Clock pulse voltage
High level
V(CLK)
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
V
Start pulse voltage
High level
V(ST)
Vdd - 0.25
Vdd
Vdd + 0.25
V
Low level
0
-
0.4
V
Parameter
Symbol
Min.
Typ.
Max.
Unit
Clock pulse frequency*9
f(CLK)
1
-
800
kHz
Power consumption
High gain
P
--
60
mW
Low gain
-
-
60
*9: Ta=25 °C, Vdd=5 V, V(CLK)=V(ST)=5
Parameter
Symbol
Min.
Typ.
Max.
Unit
Dark current
High gain
ID
-
0.02
0.08
pA
Low gain
-
0.02
0.08
Output offset voltage
High gain
Vo
0.15
0.35
0.55
V
Low gain
0.15
0.35
0.55
Feedback capacitance of
charge amplifier*10
High gain
Cf
-
1.4
-
pF
Low gain
-
4.8
-
Saturation output voltage*11
High gain
Vsat
2.3
2.8
3.3
V
Low gain
1.4
1.7
2.0
Readout noise
High gain
Nr
-
0.3
0.5
mV rms
Low gain
-
0.2
0.4
*10: Gain=5 V (low gain), Vg=0 V (high gain)
*11: Difference from Vo
Precation for use
· If external force is repeatedly applied to the lead pins, this may damage the lead pins.
When installing this product in locations subject to vibration, secure it with resin or a holder, etc.
(Recommended resin: KE347B, etc. made by Shin-Etsu Chemical Co., Ltd.)
· The sensor may be damaged by soldering, so be careful of the soldering temperature and time.
As a general guide, finish soldering within 3.5 seconds at 370 °C or less when soldering by hand, or within 10 seconds at 260 °C or
less when using a solder bath.
Electrical connections with an external circuit
Make electrical connections to an external circuit using the lead pins.
Pin no.
Symbol
Name of pin
I/O
Description
1
CLK
Clock pulse
I
Sensor scan sync signal
2
GND
Ground
GND
3
NC
No connection
4
ST
Start pulse
I
Start pulse
5
NC
No connection
6
Gain
Gain
I
Image sensor: gain setting
7
EOS
End of scan
O
EOS (end of scan) signal
8
NC
No connection
9
Vdd
Supply voltage
I
Power supply of image sensor: 5 V
10
Video
Video output
O
Video output signal


Similar Part No. - C10988MA-01_15

ManufacturerPart #DatasheetDescription
logo
Sanken electric
C109 SANKEN-C109 Datasheet
1Mb / 18P
   Operate on the main AC line 100V and 200V
logo
Hamamatsu Corporation
C10900D HAMAMATSU-C10900D Datasheet
514Kb / 10P
   Four selectable scan modes Photodiode area: 124.8 횞 124.8 mm
C10900D HAMAMATSU-C10900D_15 Datasheet
313Kb / 10P
   Flat panel sensor
logo
Ledil, Inc.
C10908 LEDIL-C10908 Datasheet
339Kb / 5P
   Strada Lens
logo
Cree, Inc
C10909 CREE-C10909 Datasheet
784Kb / 17P
   Eva series
More results

Similar Description - C10988MA-01_15

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C11007MA HAMAMATSU-C11007MA_15 Datasheet
406Kb / 11P
   Mini-spectrometers
C9913GC HAMAMATSU-C9913GC_15 Datasheet
305Kb / 8P
   Mini-spectrometers
C9404CA HAMAMATSU-C9404CA_15 Datasheet
423Kb / 8P
   Mini-spectrometers
C10082CA HAMAMATSU-C10082CA_15 Datasheet
440Kb / 9P
   Mini-spectrometers
C11714CB HAMAMATSU-C11714CB_15 Datasheet
450Kb / 9P
   Mini-spectrometers
C11713CA HAMAMATSU-C11713CA_15 Datasheet
450Kb / 9P
   Mini-spectrometers
logo
Agilent(Hewlett-Packard...
4500 HP-4500 Datasheet
301Kb / 2P
   4500 Series FTIR spectrometers
logo
Weidmuller
8447140000 WEIDMULLER-8447140000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8432210000 WEIDMULLER-8432210000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
8447050000 WEIDMULLER-8447050000 Datasheet
2Mb / 58P
   Mini Coupler / Mini Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com