Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6817 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 1N6817
Description  LOW REVERSE LEAKAGE SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N6817 Datasheet(HTML) 1 Page - Microsemi Corporation

  1N6817 Datasheet HTML 1Page - Microsemi Corporation 1N6817 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N6817
(MSASC25W100K)
1N6817R
(MSASC25W100KR)
100 Volts
25 Amps
Features
• Tungsten schottky barrier
• Oxide passivated structure
• Guard ring protection for increased reverse energy capability
• Epitaxial structure minimizes forward voltage drop
• Hermetically sealed, low profile ceramic surface mount power package
• Low package inductance
Very low thermal resistance
Available as standard polarity (strap is anode: 1N6817) and reverse
polarity (strap is cathode: 1N6817R)
TXV-level screening (MSASC25W100KV) or S-level (MSASC25W100KS)
screening i.a.w. Microsemi internal procedure PS11.50 available
DESCRIPTION
SYMBOL
MAX.
UNIT
Peak Repetitive Reverse Voltage
VRRM
100
Volts
Working Peak Reverse Voltage
VRWM
100
Volts
DC Blocking Voltage
VR
100
Volts
Average Rectified Forward Current, T
c
≤ 145°C
IF(ave)
25
Amps
derating, forward current, T
c
≥ 145°C
dIF/dT
(3.3)
Amps/
°C
Nonrepetitive Peak Surge Current, t
p= 8.3 ms, half-sinewave
IFSM
120
Amps
Peak Repetitive Reverse Surge Current, t
p= 1
µs, f= 1kHz
IRRM
2
Amp
Junction Temperature Range
Tj
-55 to +175
°C
Storage Temperature Range
Tstg
-55 to +175
°C
Thermal Resistance, Junction to Case:
1N6817
1N6817R
θJC
1.25
1.35
°C/W
Maximum Ratings @ 25
°°°°C (unless otherwise specified)
Mechanical Outline
ThinKey™2
Datasheet# MSC1034
B August, 2000
2830 S. Fairview St.
Santa Ana, CA 92704
PH: (714) 979-8220
FAX: (714) 966-5256
LOW REVERSE
LEAKAGE
SCHOTTKY DIODE


Similar Part No. - 1N6817

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6815 MICROSEMI-1N6815 Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6815R MICROSEMI-1N6815R Datasheet
76Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
1N6816 MICROSEMI-1N6816 Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6816R MICROSEMI-1N6816R Datasheet
77Kb / 2P
   LOW LEAKAGE SCHOTTKY DIODE
1N6818 MICROSEMI-1N6818 Datasheet
88Kb / 2P
   LOW VOLTAGE DROP SCHOTTKY DIODE
More results

Similar Description - 1N6817

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6820 MICROSEMI-1N6820 Datasheet
88Kb / 2P
   LOW REVERSE LEAKAGE SCHOTTKY DIODE
logo
Sensitron
SHD114222 SENSITRON-SHD114222 Datasheet
124Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236 Datasheet
121Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114236 SENSITRON-SHD114236_08 Datasheet
64Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114436 SENSITRON-SHD114436_08 Datasheet
64Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114246 SENSITRON-SHD114246 Datasheet
121Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114468 SENSITRON-SHD114468 Datasheet
52Kb / 3P
   POWER SCHOTTKY RECTIFIER LOW REVERSE LEAKAGE
SHD114434 SENSITRON-SHD114434_08 Datasheet
63Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD114536 SENSITRON-SHD114536_08 Datasheet
63Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
SHD123636P SENSITRON-SHD123636P Datasheet
83Kb / 3P
   POWER SCHOTTKY RECTIFIER Low Reverse Leakage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com