Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP51401MNTXG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP51401MNTXG
Description  Termination Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP51401MNTXG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP51401MNTXG Datasheet HTML 1Page - ON Semiconductor NCP51401MNTXG Datasheet HTML 2Page - ON Semiconductor NCP51401MNTXG Datasheet HTML 3Page - ON Semiconductor NCP51401MNTXG Datasheet HTML 4Page - ON Semiconductor NCP51401MNTXG Datasheet HTML 5Page - ON Semiconductor NCP51401MNTXG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NCP51401
www.onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40
°C ≤ TA ≤ 125°C; VCC = 3.3 V; PVCC = 1.8 V; VRI = VTTS = 0.9 V; EN = VCC; COUT = 3 x 10 mF (Ceramic); unless otherwise noted.
Parameter
Units
Max
Typ
Min
Symbol
Conditions
EN − Enable Logic
Logic Input Threshold
EN Logic high
VIH
1.7
V
EN Logic low
VIL
0.3
Hysteresis Voltage
EN pin
VENHYS
0.5
V
Logic Leakage Current
EN pin, TA = +25°C
IILEAK
−1
+1
mA
Thermal Shutdown
Thermal Shutdown
Temperature
TSD
150
°C
Thermal Shutdown Hysteresis
TSH
25
°C
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Figure 1. Typical DDR−3 Application Schematic


Similar Part No. - NCP51401MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51401MNTXG ONSEMI-NCP51401MNTXG Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results

Similar Description - NCP51401MNTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
   Termination Regulator
September, 2014 ??Rev. 5
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
   Termination Regulator
April, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
   Termination Regulator
November, 2015 ??Rev. 0
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
   Termination Regulator
February, 2018 ??Rev. 8
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
   Termination Regulator
June, 2015 ??Rev. 2
NCP51200 ONSEMI-NCP51200_16 Datasheet
143Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 6
NCP51400 ONSEMI-NCP51400_16 Datasheet
140Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 3
NCP51401 ONSEMI-NCP51401_16 Datasheet
336Kb / 7P
   Termination Regulator
May, 2016 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com