Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63L06361 Datasheet(PDF) 8 Page - AMIC Technology

Part # A63L06361
Description  1M X 36 Bit Synchronous High Speed SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A63L06361 Datasheet(HTML) 8 Page - AMIC Technology

Back Button A63L06361_15 Datasheet HTML 4Page - AMIC Technology A63L06361_15 Datasheet HTML 5Page - AMIC Technology A63L06361_15 Datasheet HTML 6Page - AMIC Technology A63L06361_15 Datasheet HTML 7Page - AMIC Technology A63L06361_15 Datasheet HTML 8Page - AMIC Technology A63L06361_15 Datasheet HTML 9Page - AMIC Technology A63L06361_15 Datasheet HTML 10Page - AMIC Technology A63L06361_15 Datasheet HTML 11Page - AMIC Technology A63L06361_15 Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
A63L06361
PRELIMINARY
(March, 2005, Version 0.1)
7
AMIC Technology, Corp.
Linear Burst Address Table (MODE = LOW)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X10
X . . . X11
X . . . X00
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X00
X . . . X01
X . . . X10
Interleaved Burst Address Table (MODE = HIGH or NC)
First Address (External)
Second Address (Internal)
Third Address (Internal)
Fourth Address (Internal)
X . . . X00
X . . . X01
X . . . X10
X . . . X11
X . . . X01
X . . . X00
X . . . X11
X . . . X10
X . . . X10
X . . . X11
X . . . X00
X . . . X01
X . . . X11
X . . . X10
X . . . X01
X . . . X00
Absolute Maximum Ratings*
Power Supply Voltage (VCC) . . . . . . . . . . -0.5V to +4.6V
Voltage Relative to GND for any Pin Except VCC (Vin,
Vout) . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VCC +0.5V
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . 2W
Storage Temperature (Tbias) . . . . . . . . . . -65
°C to 150 °C
Storage Temperature (Tstg) . . . . . . . . . . . -55
°C to 125°C
Operating Ranges
Ambient Temperature
Commercial (C) Devices . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (I) Devices . . . . . . . . . . . . . . . -45
°C to +125°C
VCC & VCCQ Supply Voltages
VCC for all devices . . ….. . . . . . . . . . . . . . . . . . . . +3.3V
VCCQ for all devices . . ….. . . . . . . . . . . . . . . . . . . +3.3V
Operating ranges define those limits between which the
functionally of the device is guaranteed.
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of
this device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied or intended. Exposure to the absolute
maximum rating conditions for extended periods may
affect device reliability.
Recommended DC Operating Conditions
(0
°C ≤ TA ≤ 70°C, VCC, VCCQ = 3.3V+5% or 3.3V-5%, unless otherwise noted)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Note
VCC
Supply Voltage (Operating Voltage Range)
3.135
3.3
3.465
V
VCCQ
Isolated Input Buffer Supply
3.135
3.3
3.465
V
GND
Supply Voltage to GND
0.0
-
0.0
V
VIH
Input High Voltage
2
-
VCC+0.3
V
1, 2
VIHQ
Input High Voltage (I/O Pins)
2
-
VCC+0.3
V
VIL
Input Low Voltage
-0.3
-
0.8
V
1, 2


Similar Part No. - A63L06361_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L06361E-6.5 AMICC-A63L06361E-6.5 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-6.5F AMICC-A63L06361E-6.5F Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-7.5 AMICC-A63L06361E-7.5 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-7.5F AMICC-A63L06361E-7.5F Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361E-8 AMICC-A63L06361E-8 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
More results

Similar Description - A63L06361_15

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L0618 AMICC-A63L0618 Datasheet
243Kb / 17P
   1M X 18 Bit Synchronous High Speed SRAM
A63L83361 AMICC-A63L83361_15 Datasheet
207Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
A63P83361 AMICC-A63P83361 Datasheet
268Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM
A63L8336 AMICC-A63L8336_15 Datasheet
213Kb / 17P
   256K X 36 Bit Synchronous High Speed SRAM
A63L93361 AMICC-A63L93361 Datasheet
269Kb / 16P
   512K X 36 Bit Synchronous High Speed SRAM
A63L0636 AMICC-A63L0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P0636 AMICC-A63P0636 Datasheet
257Kb / 17P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
logo
Lyontek Inc.
LY61L10248A LYONTEK-LY61L10248A_13 Datasheet
297Kb / 13P
   1M X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com