Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A48P4616B Datasheet(PDF) 4 Page - AMIC Technology

Part # A48P4616B
Description  16M X 16 Bit DDR DRAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A48P4616B Datasheet(HTML) 4 Page - AMIC Technology

  A48P4616B Datasheet HTML 1Page - AMIC Technology A48P4616B Datasheet HTML 2Page - AMIC Technology A48P4616B Datasheet HTML 3Page - AMIC Technology A48P4616B Datasheet HTML 4Page - AMIC Technology A48P4616B Datasheet HTML 5Page - AMIC Technology A48P4616B Datasheet HTML 6Page - AMIC Technology A48P4616B Datasheet HTML 7Page - AMIC Technology A48P4616B Datasheet HTML 8Page - AMIC Technology A48P4616B Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
A48P4616B
(January, 2014, Version 1.0)
3
AMIC Technology, Corp.
Block Diagram (16Mb x 16)
Sense Amplifiers
Bank0
Memory
Array
(8192 x 256 x 32)
Bank1 Bank2
Bank3
Column
Decoder
I/O Gating DM
Mask Logic
256
(x32)
8192
Column-Address
Counter/Latch
8
1
COL0
2
13
Mode
Registers
9
15
A0-A12,
BA0, BA1
15
2
CKE
CK
CK
CS
WE
CAS
RAS
Write
FIFO
&
Drivers
CLK
Out
CLK
In
32
32
32
16
16
COL0
16
Data
DLL
CK, CK
DQS
Generator
1
DQS
Input
Register
1
1
16
16
2
32
Mask
Data
1
1
16
16
1
16
CK,
CK
COL0
1
DQ0-DQ15,
LDM, UDM
LDQS, UDQS
13
Note:
1. This Functional Block Diagram is intended to facilitate user understanding of the operation of the device; it does
not represent an actual circuit implementation.
2. DM is a unidirectional signal (input only), but is internally loaded to match the load of the bidirectional DQ and
DQS signals.


Similar Part No. - A48P4616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
More results

Similar Description - A48P4616B

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A48P4616 AMICC-A48P4616 Datasheet
2Mb / 71P
   16M X 16 Bit DDR DRAM
logo
Etron Technology, Inc.
EM6AA160TSA ETRON-EM6AA160TSA Datasheet
436Kb / 54P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TSC-4G ETRON-EM6AA160TSC-4G Datasheet
481Kb / 63P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM6AA160TS ETRON-EM6AA160TS Datasheet
406Kb / 51P
   16M x 16 bit DDR Synchronous DRAM (SDRAM)
EM63A165TS-5IG ETRON-EM63A165TS-5IG Datasheet
565Kb / 53P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
AMIC Technology
A48P3616 AMICC-A48P3616 Datasheet
2Mb / 62P
   8M X 16 Bit DDR DRAM
A48P3616B AMICC-A48P3616B Datasheet
1Mb / 66P
   8M X 16 Bit DDR DRAM
logo
Generalplus Technology ...
GPR323A16A GENERALPLUS-GPR323A16A Datasheet
2Mb / 46P
   16M x 16 bit Synchronous DRAM (SDRAM)
logo
Cypress Semiconductor
S72XS-R CYPRESS-S72XS-R Datasheet
394Kb / 7P
   256 Mb (16M x 16 bit), 1.8V MirrorBit짰 Flash and DDR DRAM
logo
Etron Technology, Inc.
EM68A16CBQC-18H ETRON-EM68A16CBQC-18H Datasheet
1,022Kb / 62P
   16M x 16 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com