Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A43E26161 Datasheet(PDF) 4 Page - AMIC Technology

Part # A43E26161
Description  1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43E26161 Datasheet(HTML) 4 Page - AMIC Technology

  A43E26161 Datasheet HTML 1Page - AMIC Technology A43E26161 Datasheet HTML 2Page - AMIC Technology A43E26161 Datasheet HTML 3Page - AMIC Technology A43E26161 Datasheet HTML 4Page - AMIC Technology A43E26161 Datasheet HTML 5Page - AMIC Technology A43E26161 Datasheet HTML 6Page - AMIC Technology A43E26161 Datasheet HTML 7Page - AMIC Technology A43E26161 Datasheet HTML 8Page - AMIC Technology A43E26161 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
A43E26161
(October, 2009, Version 1.8)
3
AMIC Technology, Corp.
Pin Descriptions
Symbol
Name
Description
CLK
System Clock
Active on the positive going edge to sample all inputs.
CS
Chip Select
Disables or Enables device operation by masking or enabling all inputs except
CLK, CKE and L(U)DQM
CKE
Clock Enable
Masks system clock to freeze operation from the next clock cycle.
CKE should be enabled at least one clock + tss prior to new command.
Disable input buffers for power down in standby.
A0~A11
Address
Row / Column addresses are multiplexed on the same pins.
Row address : RA0~RA11, Column address: CA0~CA7
BS0, BS1
Bank Select Address
Selects bank to be activated during row address latch time.
Selects band for read/write during column address latch time.
RAS
Row Address Strobe
Latches row addresses on the positive going edge of the CLK with RAS low.
Enables row access & precharge.
CAS
Column Address
Strobe
Latches column addresses on the positive going edge of the CLK with CAS low.
Enables column access.
WE
Write Enable
Enables write operation and Row precharge.
L(U)DQM
Data Input/Output
Mask
Makes data output Hi-Z, t SHZ after the clock and masks the output.
Blocks data input when L(U)DQM active.
DQ0-15
Data Input/Output
Data inputs/outputs are multiplexed on the same pins.
VDD/VSS
Power
Supply/Ground
Power Supply: +1.7V ~ 2.0V/Ground
VDDQ/VSSQ
Data Output
Power/Ground
Provide isolated Power/Ground to DQs for improved noise immunity.
NC/RFU
No Connection


Similar Part No. - A43E26161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E26161 AMICC-A43E26161 Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43E26161G-95 AMICC-A43E26161G-95 Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43E26161G-95F AMICC-A43E26161G-95F Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43E26161G-95U AMICC-A43E26161G-95U Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43E26161G-95UF AMICC-A43E26161G-95UF Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
More results

Similar Description - A43E26161

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43E26161 AMICC-A43E26161 Datasheet
1Mb / 10P
   1M X 16 BIT X 4 BANKS LOW POWER SYNCHRONOUS DRAM
A43P26161 AMICC-A43P26161 Datasheet
1Mb / 44P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
A43P26161 AMICC-A43P26161_15 Datasheet
525Kb / 45P
   1M X 16 Bit X 4 Banks Low Power Synchronous DRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L64164A ESMT-M12L64164A_09 Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_1 Datasheet
818Kb / 44P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com