Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25P010 Datasheet(PDF) 11 Page - AMIC Technology

Part # A25P010
Description  1Mbit Low Voltage, Serial Flash Memory
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25P010 Datasheet(HTML) 11 Page - AMIC Technology

Back Button A25P010 Datasheet HTML 7Page - AMIC Technology A25P010 Datasheet HTML 8Page - AMIC Technology A25P010 Datasheet HTML 9Page - AMIC Technology A25P010 Datasheet HTML 10Page - AMIC Technology A25P010 Datasheet HTML 11Page - AMIC Technology A25P010 Datasheet HTML 12Page - AMIC Technology A25P010 Datasheet HTML 13Page - AMIC Technology A25P010 Datasheet HTML 14Page - AMIC Technology A25P010 Datasheet HTML 15Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
A25P010 Series
PRELIMINARY
(November, 2014, Version 0.2)
10
AMIC Technology Corp.
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 4.) sets the
Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set prior to every
Page Program (PP), Sector Erase (SE), Block Erase (BE),
Chip Erase (CE) and Write Status Register (WRSR)
instruction.
The Write Enable (WREN) instruction is entered by driving
Chip Select (
S ) Low, sending the instruction code, and then
driving Chip Select (
S ) High.
Figure 4. Write Enable (WREN) Instruction Sequence
S
C
DIO
DO
High Impedance
Instruction
0 1 23 45 6 7
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 5.) resets the
Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by driving Chip
Select ( S ) Low, sending the instruction code, and then driving
Chip Select (
S ) High. The Write Enable Latch (WEL) bit is
reset under the following conditions:
Power-up
Write Disable (WRDI) instruction completion
Write Status Register (WRSR) instruction completion
Page Program (PP) instruction completion
Sector Erase (SE) instruction completion
Block Erase (BE) instruction completion
Chip Erase (CE) instruction completion
Figure 5. Write Disable (WRDI) Instruction Sequence
S
C
DIO
DO
High Impedance
Instruction
0 1 23 45 6 7


Similar Part No. - A25P010

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25P020 AMICC-A25P020 Datasheet
650Kb / 45P
   2Mbit Low Voltage, Serial Flash Memory
A25P040 AMICC-A25P040 Datasheet
652Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
More results

Similar Description - A25P010

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L010A AMICC-A25L010A Datasheet
637Kb / 44P
   1Mbit Low Voltage, Serial Flash Memory
A25L020 AMICC-A25L020_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L512 AMICC-A25L512_15 Datasheet
559Kb / 43P
   2Mbit / 1Mbit /512Kbit Low Voltage, Serial Flash Memory
A25L010 AMICC-A25L010_15 Datasheet
658Kb / 45P
   2Mbit / 1Mbit / 512Kbit Low Voltage, Serial Flash Memory
A25L20P AMICC-A25L20P Datasheet
544Kb / 43P
   2Mbit / 1Mbit / 512Kbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
A25L040A AMICC-A25L040A Datasheet
653Kb / 45P
   4Mbit Low Voltage, Serial Flash Memory
A25L080 AMICC-A25L080_15 Datasheet
638Kb / 40P
   8Mbit Low Voltage, Serial Flash Memory
A25L512A AMICC-A25L512A Datasheet
661Kb / 46P
   512Kbit Low Voltage, Serial Flash Memory
A25LS512A AMICC-A25LS512A Datasheet
630Kb / 43P
   512Kbit Low Voltage, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com