Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOM02A6-AW49G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NOM02A6-AW49G
Description  High-Speed Contact Image Sensor Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOM02A6-AW49G Datasheet(HTML) 5 Page - ON Semiconductor

  NOM02A6-AW49G Datasheet HTML 1Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 2Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 3Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 4Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 5Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 6Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 7Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 8Page - ON Semiconductor NOM02A6-AW49G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NOM02A6−AW49G
http://onsemi.com
5
Table 8. ELECTRO−OPTICAL CHARACTERISTICS (Unless otherwise specified, these specifications were achieved with the
test conditions defined in Table 7)
Parameter
Symbol
Min
Typ
Max
Unit
Bright analog output voltage (Note 9)
Vpavg
0.9
1.0
1.1
V
Bright output non−uniformity (Note 10)
Up
−30
30
%
Bright output non−uniformity total (Note 11)
Uptotal
60
%
Adjacent pixel non−uniformity (Note 12)
Upadj
25
%
Dark output voltage (Note 13)
Vd
150
350
mV
Dark non−uniformity (Note 14)
Ud
50
mV
Modulation transfer function at 50 line pairs per in (lp/in) (Note 15)
MTF50
40
%
Modulation transfer function at 100 line pairs per in (lp/in)
(Notes 15, 16)
MTF100
20
%
9. Vpavg = Vp(n)/832, where
Vp is the pixel amplitude value of VOUT for a bright signal defined as a white document with LEDs turned on,
n is the sequential pixel number in one scan line.
10.Up = [(Vpmax – Vpavg)/Vpavg] x 100%, or [Vpavg – Vpmin)/Vpavg] x 100%, whichever is greater, where
Vpmax is the maximum pixel voltage of any pixel at full bright
Vpmin is the minimum pixel voltage of any pixel at full bright
11. Uptotal = [(Vpmax – Vpmin)/Vpavg] x 100%,
12.Upadj = MAX [ | (Vp(n) – Vp(n+1) | / Vp(n)] x 100%, where
Upadj is the nonuniformity in percent between adjacent pixels for a bright background
13.Vd is the pixel amplitude value of VOUT for a dark signal defined as a black document with LEDs turned off
14.Ud = Vdmax – Vdmin, where
Vdmax is the maximum pixel voltage of any dark pixel with the LEDs turned off
Vdmin is the minimum pixel voltage of any dark pixel with the LEDs turned off
15.MTF = [(Vmax – Vmin)/(Vmax + Vmin)] x 100%, where
Vmax is the maximum output voltage at the specified line pairs per inch (lp/in)
Vmin is the minimum output voltage at the specified lp/in
16.For information only.
Figure 3. Timing Diagram
CP
SP
VOUT
Pixel 1
Pixel 2
Pixel 3
Pixel 4
GND
twSP
tsu
tprh
th
tprh
tw
tpcof
Vd
Vp
to
tpcor


Similar Part No. - NOM02A6-AW49G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A6-AR25G ONSEMI-NOM02A6-AR25G Datasheet
269Kb / 9P
   DPI High-Speed Contact Image Sensor Module
May, 2013 ??Rev. 1
NOM02A6-AR77G ONSEMI-NOM02A6-AR77G Datasheet
283Kb / 11P
   Ultra High-Speed Contact Image Sensor Module
December, 2013 ??Rev. 1
More results

Similar Description - NOM02A6-AW49G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOM02A4-AR03G ONSEMI-NOM02A4-AR03G Datasheet
267Kb / 9P
   High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 1
NOM03A6-AY17G ONSEMI-NOM03A6-AY17G Datasheet
311Kb / 9P
   300DPI High--Speed Contact Image Sensor Module
June, 2010 -- Rev. 0
NOM02A6-AR25G ONSEMI-NOM02A6-AR25G Datasheet
269Kb / 9P
   DPI High-Speed Contact Image Sensor Module
May, 2013 ??Rev. 1
NOM02A6-AR77G ONSEMI-NOM02A6-AR77G Datasheet
283Kb / 11P
   Ultra High-Speed Contact Image Sensor Module
December, 2013 ??Rev. 1
NOM02A4-MW60G ONSEMI-NOM02A4-MW60G Datasheet
212Kb / 9P
   200DPI Ultra High-Speed Contact Image Sensor Module
April, 2015 ??Rev. 2
NOM02A4-MW60G ONSEMI-NOM02A4-MW60G Datasheet
212Kb / 9P
   200DPI Ultra High-Speed Contact Image Sensor Module
April, 2015 ??Rev. 2
NOM04A7-AR11G ONSEMI-NOM04A7-AR11G Datasheet
170Kb / 9P
   400 DPI Ultra High-Speed Contact Image Sensor Module
March, 2012 ??Rev. 0
NOM02A4-AG01G ONSEMI-NOM02A4-AG01G Datasheet
267Kb / 9P
   200DPI Contact Image Sensor Module
March, 2012 ??Rev. 1
logo
Rohm
LSH6008-BA50A ROHM-LSH6008-BA50A Datasheet
907Kb / 5P
   Color Contact Image Sensor Heads for High-Speed Scanner
LSH1208-BA50A ROHM-LSH1208-BA50A_11 Datasheet
911Kb / 6P
   Color Contact Image Sensor Heads for High-speed Scanner
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com