Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4402FMUTCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NLSX4402FMUTCG
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4402FMUTCG Datasheet(HTML) 4 Page - ON Semiconductor

  NLSX4402FMUTCG Datasheet HTML 1Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 2Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 3Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 4Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 5Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 6Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 7Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 8Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
NLSX4402
www.onsemi.com
4
DC ELECTRICAL CHARACTERISTICS (VL = 1.5 V to 5.5 V and VCC = 1.5 V to 5.5 V, unless otherwise specified) (Note 1)
Symbol
Parameter
Test Conditions (Note 2)
−40
5C to +855C
Unit
Min
Typ
Max
VIHC
I/O VCC Input HIGH Voltage
VCC – 0.4
V
VILC
I/O VCC Input LOW Voltage
0.15
V
VIHL
I/O VL Input HIGH Voltage
VL – 0.4
V
VILL
I/O VL Input LOW Voltage
0.15
V
VIH
Control Pin Input HIGH Voltage
0.65 * VL
V
VIL
Control Pin Input LOW Voltage
0.35 * VL
V
VOHC
I/O VCC Output HIGH Voltage
I/O VCC source current = 20 mA
2/3 * VCC
V
VOLC
I/O VCC Output LOW Voltage
I/O VCC sink current = 1 mA
0.4
V
VOHL
I/O VL Output HIGH Voltage
I/O VL source current = 20 mA
2/3 * VL
V
VOLL
I/O V
L Output LOW Voltage
I/O VL sink current = 1 mA
0.4
V
IQVCC
VCC Supply Current
Supply Current
I/O VCC and I/O VL unconnected, VEN = VL
VL = 5.5 V, VCC = 0 V
VL = 0 V, VCC = 5.5 V
0.5
2.0
1.0
1.0
mA
IQVL
V
L Supply Current
Supply Current
I/O VCC and I/O VL unconnected, VEN = VL
VL = 5.5 V, VCC = 0 V
V
L = 0 V,
V
CC = 5.5 V
0.3
1.5
1.0
1.0
mA
ITS−VCC VCC Tristate Output Mode
I/O VCC and I/O VL unconnected, VEN = GND
0.1
1.0
mA
ITS−VL
VL Tristate Output Mode Supply Cur-
rent
I/O VCC and I/O VL unconnected, VEN = GND
0.1
1.0
mA
II
Enable Pin Input Leakage Current
1.0
mA
IOFF
I/O Power
-Off Leakage Current
I/O VCC Port, VCC = 0 V, VL = 0 to 5.5 V
1.0
mA
I/O VL Port, VCC = 0 to 5.5 V, VL = 0 V
1.0
IOZ
I/O Tristate Output Mode
Leakage Current
0.1
1.0
mA
RPU
Pull−Up Resistors
I/O VL and VC
10
k
Ω
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. Typical values are for VL = +1.8 V, VCC = +3.3 V and TA = +25°C.
2. All units are production tested at TA = +25°C. Limits over the operating temperature range are guaranteed by design.


Similar Part No. - NLSX4402FMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4402FMUTCG ONSEMI-NLSX4402FMUTCG Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
More results

Similar Description - NLSX4402FMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3373 ONSEMI-NLSX3373 Datasheet
124Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2008 ??Rev. 5
NLSX0102 ONSEMI-NLSX0102_18 Datasheet
100Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2018 ??Rev. 2
NLSX4402 ONSEMI-NLSX4402_17 Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
NLSX0102 ONSEMI-NLSX0102 Datasheet
141Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
October, 2011 ??Rev. 1
NLSX4302E ONSEMI-NLSX4302E Datasheet
172Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2012 ??Rev. 0
NLSX4373 ONSEMI-NLSX4373_13 Datasheet
145Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2013 ??Rev. 6
NLSX4373 ONSEMI-NLSX4373 Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4401DFT2G ONSEMI-NLSX4401DFT2G Datasheet
110Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
September, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4401 ONSEMI-NLSX4401_18 Datasheet
109Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com