Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLSX4402FMUTCG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NLSX4402FMUTCG
Description  2-Bit 20 Mb/s Dual-Supply Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLSX4402FMUTCG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NLSX4402FMUTCG Datasheet HTML 2Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 3Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 4Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 5Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 6Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 7Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 8Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 9Page - ON Semiconductor NLSX4402FMUTCG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NLSX4402
www.onsemi.com
6
TIMING CHARACTERISTICS − RAIL−TO−RAIL DRIVING CONFIGURATIONS (continued)
(I/O test circuit of Figures 3 and 4, CLOAD = 15 pF, driver output impedance ≤ 50 W, RLOAD = 1 MW)
Symbol
Unit
−40
5C to +855C
(Notes 3 & 4)
Test Conditions
Parameter
Symbol
Unit
Max
Typ
Min
Test Conditions
Parameter
VL = 2.5 V, VCC = 3.6 V
tFVCC
I/O VCC Fall Time
8
12
ns
tRVL
I/O VL Rise Time
7
10
ns
tFVL
I/O VL Fall Time
5
7
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
7
10
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
5
8
ns
tEN
Enable Time
40
ns
tDIS
Disable Time
225
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
24
Mbps
VL = 2.8 V, VCC = 1.8 V
tRVCC
I/O VCC Rise Time
13
20
ns
tFVCC
I/O VCC Fall Time
7
10
ns
tRVL
I/O VL Rise Time
8
13
ns
tFVL
I/O VL Fall Time
9
15
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
6
9
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
7
12
ns
tEN
Enable Time
60
ns
tDIS
Disable Time
250
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
24
Mbps
VL = 3.6 V, VCC = 2.5 V
tRVCC
I/O VCC Rise Time
9
12
ns
tFVCC
I/O VCC Fall Time
6
9
ns
tRVL
I/O VL Rise Time
6
12
ns
tFVL
I/O VL Fall Time
7
12
ns
tPDVL−VCC
Propagation Delay (Driving I/O VL, VL to VCC)
5
7
ns
tPDVCC−VL
Propagation Delay (Driving I/O VCC, VCC to VL)
6
9
ns
tEN
Enable Time
50
ns
tDIS
Disable Time
250
ns
tPPSKEW
Part−to−Part Skew
2
ns
MDR
Maximum Data Rate
24
Mbps
VL = 5.5 V, VCC = 1.5 V
tRVCC
I/O VCC Rise Time
13
20
ns
tFVCC
I/O VCC Fall Time
6
9
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Typical values are for the specified VL and VCC at TA = +25°C. All units are production tested at TA = +25°C.
4. Limits over the operating temperature range are guaranteed by design.
5. Skew is the variation of propagation delay between output signals and applies only to output signals on the same port (I/O_VLn or I/O_VCCn)
and switching with the same polarity (LOW−to−HIGH or HIGH−to−LOW). Skew is defined by applying a single input to the two input channels
and measuring the difference in propagation delays between the output channels.


Similar Part No. - NLSX4402FMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX4402FMUTCG ONSEMI-NLSX4402FMUTCG Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
More results

Similar Description - NLSX4402FMUTCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLSX3373 ONSEMI-NLSX3373 Datasheet
124Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2008 ??Rev. 5
NLSX0102 ONSEMI-NLSX0102_18 Datasheet
100Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2018 ??Rev. 2
NLSX4402 ONSEMI-NLSX4402_17 Datasheet
115Kb / 14P
   2-Bit 20 Mb/s Dual-Supply Level Translator
August, 2017 ??Rev. 3
NLSX0102 ONSEMI-NLSX0102 Datasheet
141Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
October, 2011 ??Rev. 1
NLSX4302E ONSEMI-NLSX4302E Datasheet
172Kb / 10P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2012 ??Rev. 0
NLSX4373 ONSEMI-NLSX4373_13 Datasheet
145Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
July, 2013 ??Rev. 6
NLSX4373 ONSEMI-NLSX4373 Datasheet
170Kb / 12P
   2-Bit 20 Mb/s Dual-Supply Level Translator
December, 2009 ??Rev. 3
NLSX4401DFT2G ONSEMI-NLSX4401DFT2G Datasheet
110Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
September, 2018 ??Rev. 0
NLSX3378 ONSEMI-NLSX3378 Datasheet
121Kb / 9P
   4-Bit 20 Mb/s Dual-Supply Level Translator
October, 2008 ??Rev. 5
NLSX4401 ONSEMI-NLSX4401_18 Datasheet
109Kb / 13P
   1-Bit 20 Mb/s Dual-Supply Level Translator
May, 2018 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com