Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLA16T245 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLA16T245
Description  Configurable Dual-Supply Translating Transceiver with 3-State Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLA16T245 Datasheet(HTML) 1 Page - ON Semiconductor

  NLA16T245 Datasheet HTML 1Page - ON Semiconductor NLA16T245 Datasheet HTML 2Page - ON Semiconductor NLA16T245 Datasheet HTML 3Page - ON Semiconductor NLA16T245 Datasheet HTML 4Page - ON Semiconductor NLA16T245 Datasheet HTML 5Page - ON Semiconductor NLA16T245 Datasheet HTML 6Page - ON Semiconductor NLA16T245 Datasheet HTML 7Page - ON Semiconductor NLA16T245 Datasheet HTML 8Page - ON Semiconductor NLA16T245 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2013 − Rev. 0
1
Publication Order Number:
NLA16T245/D
NLA16T245
16-Bit (Dual 8-Bit)
Configurable Dual-Supply
Translating Transceiver
with 3-State Outputs
The NLA16T245 is a 16−bit (dual 8−bit) configurable dual−supply
translating bidirectional transceiver with 3−state outputs. The A− and
B−ports are designed to track two different power supply rails, VCCA
and VCCB respectively. Both supply rails are configurable from 0.9 V
to 4.5 V allowing universal bidirectional voltage translation between
the A− and B−ports.
The Direction inputs, 1DIR and 2DIR, determine the direction of
data flow. 1DIR and 2DIR are independent of each other. When 1DIR
or 2DIR is High, data flows from 1An to 1Bn or 2An to 2Bn
respectively. When 1DIR or 2DIR is Low, data flows from 1Bn to 1An
or 2Bn to 2An respectively. The Output Enable inputs, and , when
High, disables both A− and B−ports by putting them in 3−state. The
1DIR, 2DIR, and signals are all designed to track VCCA.
Features
Wide VCCA and VCCB Operating Range: 0.9 V to 4.5 V
Output Noise Reduction through Dynamic Output Impedance
Change
Drive Capability: ±12 mA @ 3.0 V VCC
Input/Output Pins OVT to 5.5 V
Control Inputs Track VCCA
Non−preferential VCC Sequencing
Outputs at 3−State until Active VCC is reached
Power−Off Protection
Outputs Switch to 3−State with either VCC at GND
Pb−Free Packaging: TSSOP−48
This is a Pb−Free Device
Typical Applications
Mobile Phones, PDAs, Other Portable Devices
Important Information
ESD Protection for All Pins:
Human Body Model (HBM) > 2000 V
Machine Model (MM) > 200 V
TSSOP−48
DT SUFFIX
CASE1201
http://onsemi.com
1
MARKING DIAGRAM
XXXXX = Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
NLA16T245G
AWLYYWW
1
Device
Package
Shipping
ORDERING INFORMATION
NLA16T245DTR2G
TSSOP−48
(Pb−Free)
2500 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.


Similar Part No. - NLA16T245

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NLA1006J90NTRF NIC-NLA1006J90NTRF Datasheet
128Kb / 3P
   Wound Air Core Inductors
NLA1006JR111TRF NIC-NLA1006JR111TRF Datasheet
128Kb / 3P
   Wound Air Core Inductors
NLA1006JR130TRF NIC-NLA1006JR130TRF Datasheet
128Kb / 3P
   Wound Air Core Inductors
NLA1006JR169TRF NIC-NLA1006JR169TRF Datasheet
128Kb / 3P
   Wound Air Core Inductors
NLA1006JR206TRF NIC-NLA1006JR206TRF Datasheet
128Kb / 3P
   Wound Air Core Inductors
More results

Similar Description - NLA16T245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
   8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
Diodes Incorporated
74LVC2T45 DIODES-74LVC2T45 Datasheet
842Kb / 15P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021
74LVCH2T45 DIODES-74LVCH2T45 Datasheet
842Kb / 16P
   DUAL BIT DUAL POWER SUPPLY TRANSLATING TRANSCEIVER WITH 3 STATE OUTPUTS
January 2021 Rev. 1 - 2
logo
NXP Semiconductors
74AVCH1T45 NXP-74AVCH1T45_09 Datasheet
124Kb / 22P
   Dual supply translating transceiver; 3-state
Rev. 02-5 May 2009
74LVC2T45 PHILIPS-74LVC2T45_1 Datasheet
1Mb / 36P
   Dual supply translating transceiver; 3-state
Rev. 4-20 August 2010
74LVC1T45 NXP-74LVC1T45 Datasheet
884Kb / 30P
   Dual supply translating transceiver; 3-state
Rev. 02-19 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com