Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL3HS644BFCTAG Datasheet(PDF) 6 Page - ON Semiconductor

Part # NL3HS644BFCTAG
Description  4-Data Lane Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL3HS644BFCTAG Datasheet(HTML) 6 Page - ON Semiconductor

  NL3HS644BFCTAG Datasheet HTML 1Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 2Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 3Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 4Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 5Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 6Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 7Page - ON Semiconductor NL3HS644BFCTAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NL3HS644
www.onsemi.com
6
Timing Diagrams
VCC
tINIT
Operating Level
Transactions Valid
Transactions Not Valid
Figure 4. tINIT, Initialization Time
tF =
2.5 ns
tR =
2.5 ns
90 %
50 %
10 %
90 %
50 %
10 %
SEL /
OE
tON /
tEN
VOL
VOH
VOH
VOL
GND
VCC
tOFF /
tDIS
OUTPUT
OUTPUT
90 % x V O
SEL
tBBM
GND
VCC
OUTPUT
90 % x V O
VO
GND
INPUT
VA and V B
Figure 5. tEN, tDIS, tON, tOFF Times
Figure 6. tBBM, Break−Before−Make Time
P−Ch/
N−Ch
N−Ch/
P−Ch
tSK(O)
0.2 VPP
Midpoint
P−Ch/
N−Ch
N−Ch/
P−Ch
tSK(O)
Midpoint
Figure 7. tSK(O), Channel−to−Channel
Single−Ended
Figure 8. tSK(P), Same Channel Opposite
Transitions
P−Ch/N−Ch
Same Channel
tSK(P)
0.2 VPP
Midpoint
90 % x V OH
10 % x V OH


Similar Part No. - NL3HS644BFCTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
NL3HS2222 ONSEMI-NL3HS2222 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3HS2222MUTBG ONSEMI-NL3HS2222MUTBG Datasheet
450Kb / 10P
   High-Speed USB 2.0 DPDT Switches
October, 2015 ??Rev. P0
NL3HS2222MUTBG ONSEMI-NL3HS2222MUTBG Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
NL3HS2222 ONSEMI-NL3HS2222_16 Datasheet
449Kb / 10P
   High-Speed USB 2.0 (480 Mbps) DPDT Switches
April, 2016 ??Rev. 0
More results

Similar Description - NL3HS644BFCTAG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3WVR2646 DIODES-PI3WVR2646 Datasheet
645Kb / 9P
   2:1 MIPI 4-Data Lane Switch
Rev 4 - 2 September 2022
logo
ON Semiconductor
FSA646 ONSEMI-FSA646 Datasheet
458Kb / 8P
   2:1 MIPI D-PHY 4-Data Lane Switch
June, 2018 ??Rev. 0
FSA644 ONSEMI-FSA644 Datasheet
1Mb / 11P
   2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
May 2018 Rev. 2
FSA646A ONSEMI-FSA646A Datasheet
487Kb / 9P
   2:1 MIPI D-PHY (4.5Gbps) 4-Data-Lane & C-PHY (3.5Gsps) 3-Data-Lane Switch
April, 2019 ??Rev. 0
logo
Texas Instruments
TS5MP645 TI1-TS5MP645 Datasheet
1Mb / 31P
[Old version datasheet]   4-Data Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
Diodes Incorporated
PI3WVR626 DIODES-PI3WVR626 Datasheet
1Mb / 12P
   2:1 MIPI 2-Data Lane Switch
Rev 3 - 2 March 2020
logo
ON Semiconductor
FSA634 ONSEMI-FSA634 Datasheet
986Kb / 8P
   2:1 MIPI D-PHY (1.5Gbps) 4Data Lane Switch
September, 2019 ??Rev. 1
logo
Integrated Device Techn...
89HPES4T4 IDT-89HPES4T4 Datasheet
399Kb / 23P
   4-Lane 4-Port PCI Express Switch
logo
Fairchild Semiconductor
FSA644UCX FAIRCHILD-FSA644UCX Datasheet
624Kb / 10P
   FSA644 ??2:1 MIPI D-PHY (1.5Gbps) 4-Data Lane Switch
logo
Renesas Technology Corp
89HPES4T4 RENESAS-89HPES4T4 Datasheet
559Kb / 31P
   4-Lane 4-Port PCI Express® Switch
June 12, 2014
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com