Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8925 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8925
Description  Step-down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8925 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8925 Datasheet HTML 5Page - ON Semiconductor NCV8925 Datasheet HTML 6Page - ON Semiconductor NCV8925 Datasheet HTML 7Page - ON Semiconductor NCV8925 Datasheet HTML 8Page - ON Semiconductor NCV8925 Datasheet HTML 9Page - ON Semiconductor NCV8925 Datasheet HTML 10Page - ON Semiconductor NCV8925 Datasheet HTML 11Page - ON Semiconductor NCV8925 Datasheet HTML 12Page - ON Semiconductor NCV8925 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
NCV8925
http://onsemi.com
9
DC/DC OPERATION DESCRIPTION
Detailed Description
The NCV8925 uses a constant frequency, voltage mode
step-down architecture. Both the main (P-Channel
MOSFET) and synchronous (N-Channel MOSFET)
switches are internal.
The output voltage is set by an external resistor divider
in the range of 0.9 V to 3.3 V and can source at least
600 mA.
The NCV8925 works with two modes of operation;
PWM/PFM depending on the current required. In PWM
mode, the device can supply voltage with a tolerance of
"3% and 90% efficiency or better. Lighter load currents
cause the device to automatically switch into PFM mode to
reduce current consumption and extended battery life.
Additional features include soft-start, undervoltage
protection, current overload protection, and thermal
shutdown protection. As shown in Figure 2, only six
external components are required. The part uses an internal
reference voltage of 0.6 V. It is recommended to keep
NCV8925 in shutdown mode until the input voltage is
2.7 V or higher.
PWM Operating Mode
In this mode, the output voltage of the device is regulated
by modulating the on-time pulse width of the main switch
Q1 at a fixed 3 MHz frequency.
The switching of the PMOS Q1 is controlled by a
flip-flop driven by the internal oscillator and a comparator
that compares the error signal from an error amplifier with
the sum of the sensed current signal and compensation
ramp.
At the beginning of each cycle, the main switch Q1 is
turned ON by the rising edge of the internal oscillator
clock. The inductor current ramps up until the sum of the
current sense signal and compensation ramp becomes
higher than the error amplifier's voltage. Once this has
occurred, the PWM comparator resets the flip-flop, Q1 is
turned OFF while the synchronous switch Q2 is turned ON.
Q2 replaces the external Schottky diode to reduce the
conduction loss and improve the efficiency. To avoid
overall power loss, a certain amount of dead time is
introduced to ensure Q1 is completely turned OFF before
Q2 is being turned ON.
Figure 26. PWM Switching Waveform
(VIN = 3.6 V, VOUT = 1.2 V, IOUT = 600 mA)
200 ns/div
VOUT 10 mV/div
ILx 100 mA/div
VLx 2 V/div
PFM Operating Mode
Under light load conditions, the NCV8925 enters in low
current
PFM
mode
operation
to
reduce
power
consumption. The output regulation is implemented by
pulse frequency modulation. If the output voltage drops
below the threshold of PFM comparator, a new cycle will
be initiated by the PFM comparator to turn on the switch
Q1. Q1 remains ON during the minimum on time of the
structure while Q2 is in its current source mode. The peak
inductor current depends upon the drop between input and
output voltage. After a short dead time delay where Q1 is
switched OFF, Q2 is turned in its ON state. The negative
current detector will detect when the inductor current drops
below zero and sends the signal to turn Q2 to current source
mode to prevent a too large deregulation of the output
voltage. When the output voltage falls below the threshold
of the PFM comparator, a new cycle starts immediately.
Figure 27. PFM Switching Waveforms
(VIN = 3.6 V, VOUT = 1.2 V, IOUT = 0 mA, Temp = 255C)
Vout
VLx


Similar Part No. - NCV8925

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890100MWTXG ONSEMI-NCV890100MWTXG Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100MWTXG ONSEMI-NCV890100MWTXG Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
More results

Similar Description - NCV8925

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1176 LINER-LT1176 Datasheet
178Kb / 4P
   Step-Down Switching Regulator
logo
Sanyo Semicon Device
LV58761MX SANYO-LV58761MX Datasheet
641Kb / 7P
   Step-down Switching Regulator
LV5807MX SANYO-LV5807MX Datasheet
206Kb / 5P
   Step-down Switching Regulator
logo
Linear Technology
LT1074 LINER-LT1074_15 Datasheet
190Kb / 16P
   Step-Down Switching Regulator
logo
ON Semiconductor
LV5980MD ONSEMI-LV5980MD Datasheet
718Kb / 20P
   Step-down Switching Regulator
October, 2013
LV5762QA ONSEMI-LV5762QA Datasheet
290Kb / 6P
   Step-down Switching Regulator
May, 2014
logo
Sanyo Semicon Device
LV5809MX SANYO-LV5809MX Datasheet
120Kb / 5P
   Step-down Switching Regulator
LV5725JA SANYO-LV5725JA Datasheet
269Kb / 8P
   Step-down Switching Regulator
LV5803M-TE-L-E SANYO-LV5803M-TE-L-E Datasheet
119Kb / 6P
   Step-down Switching Regulator
LV5858M SANYO-LV5858M Datasheet
250Kb / 9P
   Step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com